Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA78DL06AS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA78DL06AS
Description  Three-Terminal Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78DL06AS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA78DL06AS Datasheet HTML 1Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 2Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 3Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 4Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 5Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 6Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 7Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 8Page - Toshiba Semiconductor TA78DL06AS Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TA78DL05,06,08,09,10,12,15AS
2003-01-29
3
TA78DL06AS
Electrical Characteristics (Unless otherwise specified, VIN = 14 V, IOUT = 10 mA, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
6.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
5.7
6.0
6.3
V
10 V ≤ VIN ≤ 17 V
2
12
Line regulation
Reg·line
7 V ≤ VIN ≤ 26 V
5
36
mV
Load regulation
Reg·load
10 mA ≤ IOUT ≤ 200 mA
17
60
mV
Quiescent current
IB
IOUT ≤ 10 mA,
7 V ≤ VIN ≤ 26 V
0.55
mA
IOUT = 50 mA
0.15
0.3
Dropout voltage
VD
IOUT = 200 mA
0.4
0.6
V
Max operating voltage
VIN
29
33
V
TA78DL08AS
Electrical Characteristics (Unless otherwise specified, VIN = 16 V, IOUT = 10 mA, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
8.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
7.6
8
8.4
V
12 V ≤ VIN ≤ 19 V
3
16
Line regulation
Reg·line
9 V ≤ VIN ≤ 26 V
6
45
mV
Load regulation
Reg·load
10 mA ≤ IOUT ≤ 200 mA
22
80
mV
Quiescent current
IB
IOUT ≤ 10 mA,
9 V ≤ VIN ≤ 26 V
0.6
mA
IOUT = 50 mA
0.15
0.3
Dropout voltage
VD
IOUT = 200 mA
0.4
0.6
V
Max operating voltage
VIN
29
33
V
TA78DL09AS
Electrical Characteristics (Unless otherwise specified, VIN = 16 V, IOUT = 10 mA, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
9.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
8.55
9
9.45
V
13 V ≤ VIN ≤ 20 V
3
18
Line regulation
Reg·line
10 V ≤ VIN ≤ 26 V
7
50
mV
Load regulation
Reg·load
10 mA ≤ IOUT ≤ 200 mA
25
90
mV
Quiescent current
IB
IOUT ≤ 10 mA,
10 V ≤ VIN ≤ 26 V
0.65
mA
IOUT = 50 mA
0.15
0.3
Dropout voltage
VD
IOUT = 200 mA
0.4
0.6
V
Max operating voltage
VIN
29
33
V


Similar Part No. - TA78DL06AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL06AF TOSHIBA-TA78DL06AF Datasheet
335Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TA78DL06AS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com