Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA78DL10AS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA78DL10AS
Description  Three-Terminal Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78DL10AS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA78DL10AS Datasheet HTML 1Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 2Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 3Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 4Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 5Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 6Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 7Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 8Page - Toshiba Semiconductor TA78DL10AS Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA78DL05,06,08,09,10,12,15AS
2003-01-29
4
TA78DL10AS
Electrical Characteristics (Unless otherwise specified, VIN = 16 V, IOUT = 10 mA, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
10.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
9.5
10
10.5
V
14 V ≤ VIN ≤ 21 V
4
20
Line regulation
Reg·line
11 V ≤ VIN ≤ 26 V
8
60
mV
Load regulation
Reg·load
10 mA ≤ IOUT ≤ 200 mA
28
100
mV
Quiescent current
IB
IOUT ≤ 10 mA,
11 V ≤ VIN ≤ 26 V
0.7
mA
IOUT = 50 mA
0.15
0.3
Dropout voltage
VD
IOUT = 200 mA
0.4
0.6
V
Max operating voltage
VIN
29
33
V
TA78DL12AS
Electrical Characteristics (Unless otherwise specified, VIN = 18 V, IOUT = 10 mA, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
12.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
11.4
12
12.6
V
16 V ≤ VIN ≤ 23 V
5
24
Line regulation
Reg·line
13 V ≤ VIN ≤ 26 V
10
70
mV
Load regulation
Reg·load
10 mA ≤ IOUT ≤ 200 mA
33
120
mV
Quiescent current
IB
IOUT ≤ 10 mA,
13 V ≤ VIN ≤ 26 V
0.8
mA
IOUT = 50 mA
0.15
0.3
Dropout voltage
VD
IOUT = 200 mA
0.4
0.6
V
Max operating voltage
VIN
29
33
V
TA78DL15AS
Electrical Characteristics (Unless otherwise specified, VIN = 20 V, IOUT = 10 mA, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
15.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
14.25
15
15.75
V
19 V ≤ VIN ≤ 26 V
6
30
Line regulation
Reg·line
16 V ≤ VIN ≤ 26 V
12
80
mV
Load regulation
Reg·load
10 mA ≤ IOUT ≤ 200 mA
40
150
mV
Quiescent current
IB
IOUT ≤ 10 mA,
16 V ≤ VIN ≤ 26 V
0.9
mA
IOUT = 50 mA
0.15
0.3
Dropout voltage
VD
IOUT = 200 mA
0.4
0.6
V
Max operating voltage
VIN
29
33
V


Similar Part No. - TA78DL10AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL10AF TOSHIBA-TA78DL10AF Datasheet
335Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TA78DL10AS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com