Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFZVFH27B Datasheet(PDF) 1 Page - Rohm

Part # UFZVFH27B
Description  Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UFZVFH27B Datasheet(HTML) 1 Page - Rohm

  UFZVFH27B Datasheet HTML 1Page - Rohm UFZVFH27B Datasheet HTML 2Page - Rohm UFZVFH27B Datasheet HTML 3Page - Rohm UFZVFH27B Datasheet HTML 4Page - Rohm UFZVFH27B Datasheet HTML 5Page - Rohm UFZVFH27B Datasheet HTML 6Page - Rohm UFZVFH27B Datasheet HTML 7Page - Rohm UFZVFH27B Datasheet HTML 8Page - Rohm UFZVFH27B Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UFZVFH18B
  Zener Diode
(AEC-Q101 qualified)
Data sheet
Outline
PD
500
mW
 
 
 
 
 
 
 
 
 
 
 
 
 
     
Feature
Inner Circuit
High reliability
Small mold type
Power dissipation 500mW
Application
Packaging Specification
Voltage regulation
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
3000
Silicon Epitaxial Planar
Taping Code
TE-17
Marking
PB
Absolute Maximum Rating (Ta = 25)
Parameter
Symbol
Limits
Unit
Power dissipation*
PD
500
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 150 
* Mounting on FR-5board (3.5×1.5[inches])
                                                                                         
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
1/5
 
2017/01/16_Rev.001


Similar Part No. - UFZVFH27B

ManufacturerPart #DatasheetDescription
logo
Rohm
UFZVFH27B ROHM-UFZVFH27B Datasheet
1Mb / 9P
   Zener Diode
UFZVFH27B ROHM-UFZVFH27B Datasheet
1Mb / 9P
   Zener Diode
UFZVFH27B ROHM-UFZVFH27B Datasheet
1Mb / 9P
   Zener Diode
UFZVFH27B ROHM-UFZVFH27B Datasheet
1Mb / 9P
   Zener Diode
UFZVFH27B ROHM-UFZVFH27B Datasheet
1Mb / 9P
   Zener Diode
More results

Similar Description - UFZVFH27B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com