Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0151340705 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0151340705
Description  PicoBlade Connector System
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0151340705 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0151340705 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/08/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0151340705
Status:
Active
Overview:
PicoBlade™ Connector System
Description:
PicoBlade™-to-PicoBlade™ Off-the-Shelf (OTS) Cable Assembly, Single Row,
450.00mm Length, 7 Circuits, Natural
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
15134
Assembly Configuration
Dual Ended Connectors
Connector to Connector
PicoBlade™-to-PicoBlade™
Overview
PicoBlade™ Connector System
Product Literature Order No
987651-6143
Product Name
PicoBlade™ OTS
UPC
889056872089
Physical
Cable Length
450.00mm
Circuits (Loaded)
7
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
6.114/g
Packaging Type
Bag
Pitch - Mating Interface
1.25mm
Plating min - Mating
0.889µm
Plating min - Termination
0.914µm
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.90mm
Wire Size AWG
28
Wire/Cable Type
UL 1061
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Sales Drawing
2012341359-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
15134 Series
Mates With
PicoBlade™ Header 53261 , 53047 , 53398
, 53048
This document was generated on 06/08/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0151340705

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151340705 MOLEX-0151340705 Datasheet
47Kb / 1P
   PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 450.00mm Length, 7 Circuits, Natural
0151340705 MOLEX1-0151340705_17 Datasheet
46Kb / 1P
   PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 450.00mm Length, 7 Circuits, Natural
0151340705 MOLEX1-0151340705_18 Datasheet
46Kb / 1P
   PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 450.00mm Length, 7 Circuits, Natural
More results

Similar Description - 0151340705

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340503 MOLEX1-0151340503 Datasheet
43Kb / 1P
   PicoBlade Connector System
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340703 MOLEX1-0151340703 Datasheet
46Kb / 1P
   PicoBlade Connector System
0797580006 MOLEX9-0797580006 Datasheet
156Kb / 2P
   PicoBlade 26 AWG,UL1061,150MM
151341203 MOLEX-151341203 Datasheet
156Kb / 1P
   Picoblade 12 Circuit 300MM
2017/08/30
151340300 MOLEX-151340300 Datasheet
152Kb / 1P
   Picoblade 3 Circuit 50MM
2016/07/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com