Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA505BG Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TCA505BG
Description  IC for Inductive Proximity Switches with Short-Circuit Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA505BG Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TCA505BG Datasheet HTML 4Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 5Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 6Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 7Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 8Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 9Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 10Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 11Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Semiconductor Group
8
TCA 505 BG
Pin 14; B
This pin serves for limiting the base voltage of the internal output-stage transistors. If this pin
is connected to VREF for example, it is possible to set a constant output current (IQ = VREF /
external resistor) that is independent of the supply voltage by means of an external resistor
across Q2 (or Q4) and ground (watch out for power dissipation!).
Pin 15; CD
A capacitor on this pin delays the activation of the outputs after the supply voltage is applied
(turn-ON delay). In this way erroneous pulses are prevented on the output during buildup of
the oscillator.
If VS falls to less than 3.6 to 4 V, the outputs are not inhibited until after a turn-OFF delay time,
this also being determined by CD. In this way the delayed turn-ON operation described above
is suppressed if there are just short glitches (voltage dips) on VS. This is of particular advantage
for large core diameters, because in such cases a relativity long turn-ON delay has to be
selected and the delayed twin-on operation would otherwise be activated each time there was
a brief voltage dip.
The capacitor CD also sets the turn-off delay and the pause duration in short-circuit operation.
The sample / pause ratio is approx. 1:200 (see pin SC).
If these functions can be dispensed with, CD can remain open.
Pin 16; VT
If this pin is connected to + VS, the supply voltage of the IC (when used as a two-wire proximity
switch) can be generated by switching the outputs. The quiescent current can then be kept low.
This mode is primarily suitable for AC switches with power supply by phase-control.
The switching of the outputs is made in a VS range of 6 to 8 V. At 8 V the outputs are turned
on, until VS falls to 6 V. At 6 V the outputs are inhibited, until VS again reaches 8 V. In this mode
VS should not exceed 14 V or fall below 4 V.


Similar Part No. - TCA505BG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505BG SIEMENS-TCA505BG Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG_05 Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
More results

Similar Description - TCA505BG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505BG SIEMENS-TCA505BG_05 Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA705 SIEMENS-TCA705 Datasheet
357Kb / 13P
   IC for inductive Proximity Switches with 0.5 A Output Stage
logo
Pepperl+Fuchs Inc.
NJ20-40-A2 PF-NJ20-40-A2 Datasheet
37Kb / 1P
   Inductive proximity switches
NBB5-18GM50-E2-10M PF-NBB5-18GM50-E2-10M Datasheet
140Kb / 1P
   Inductive proximity switches
2019-09-04
NJ3-V3-N-Y30018 PF-NJ3-V3-N-Y30018 Datasheet
72Kb / 2P
   Inductive proximity switches
NJ2-12GM40-E2-V1-Y37715 PF-NJ2-12GM40-E2-V1-Y37715 Datasheet
118Kb / 1P
   Inductive proximity switches
NJ10-30GK50-E2-5M PF-NJ10-30GK50-E2-5M Datasheet
77Kb / 1P
   Inductive proximity switches
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com