Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA505B Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TCA505B
Description  IC for Inductive Proximity Switches with Short-Circuit Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA505B Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TCA505B Datasheet HTML 1Page - Siemens Semiconductor Group TCA505B Datasheet HTML 2Page - Siemens Semiconductor Group TCA505B Datasheet HTML 3Page - Siemens Semiconductor Group TCA505B Datasheet HTML 4Page - Siemens Semiconductor Group TCA505B Datasheet HTML 5Page - Siemens Semiconductor Group TCA505B Datasheet HTML 6Page - Siemens Semiconductor Group TCA505B Datasheet HTML 7Page - Siemens Semiconductor Group TCA505B Datasheet HTML 8Page - Siemens Semiconductor Group TCA505B Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Semiconductor Group
4
TCA 505 BG
Functional Description
This circuit is used to design inductive proximity switches. The resonant circuit of the LC
oscillator is implemented with an open half-pot ferrite and a capacitor in parallel (pin LC). If a
metallic target is moved closer to the open side of the half-pot ferrite, energy is drawn from the
resonant circuit and the amplitude of the oscillation is reduced accordingly. This change in
amplitude is transmitted to a threshold switch by means of a demodulator and triggers the
outputs (see operation schematic).
By means of an external distance resistor on the oscillator (pin RDi) it is possible to set the
switching distance within wide limits, the optimal distances being 0.1 to 0.6 of the diameter of
the half-pot ferrite, although both of these parameters can be exceeded. The circuit also
enables the setting of a path hysteresis by switching of the external distance resistor via pin
RHy (see application circuit 1).
There are two antiphase output stages (Q1 / Q2 and Q3 / Q4) for max. 50 mA. The output
transistors are driven in a floating state thus providing the user with optimal flexibility for
evaluation of the output signals. It is therefore possible to use the output transistors either as
emitter follower, open-collector, as a current source or in push-pull operation. When pin B is
connected to VREF, Q2 and Q4 can be used between 0 V and VREF. The maximum base voltage
of the output transistors can be set on pin B. If B is connected to VREF, any constant current up
to 50 mA can be set on the outputs by means of resistors on Q2 or Q4 (see application
circuits 2 and 3).
Q1 through Q4 and also additional external output transistors can be protected against
destruction by short-circuit or overload. This is the purpose of pin SC which turns off the output
transistors periodically in the presence of overload.
By means of a capacitor on CD it is possible to set the response delay and the turn-OFF time
of short-circuit protection. The same capacitor also defines the turn-ON delay of the output
stages when the supply voltage is applied, whereby the output stages are inhibited during
buildup of the oscillator. Finally CD produces a turn-OFF delay of the output stages to prevent
the turn-ON delay from running its full length at brief voltage dips on VS.
A switching regulator is incorporated for the voltage supply of the circuit when it is used as a
two-wire AC proximity switch, and this is activated when pin VT is connected to VS. The circuit
has a stabilized voltage of approx. 2.9 V that is brought out on pin VREF.
Supply-voltage range: The operating range in normal operation is between 4 and 40 V. If pin
VREF is connected to VS, the circuit is operating between 3.1 and 4.5 V. In this case, however,
VREF is no longer internally stabilized, i.e. the analog IC functions depend on the operating
voltage.


Similar Part No. - TCA505B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505B SIEMENS-TCA505B Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG_05 Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
More results

Similar Description - TCA505B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505BG SIEMENS-TCA505BG_05 Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA705 SIEMENS-TCA705 Datasheet
357Kb / 13P
   IC for inductive Proximity Switches with 0.5 A Output Stage
logo
Pepperl+Fuchs Inc.
NJ20-40-A2 PF-NJ20-40-A2 Datasheet
37Kb / 1P
   Inductive proximity switches
NBB5-18GM50-E2-10M PF-NBB5-18GM50-E2-10M Datasheet
140Kb / 1P
   Inductive proximity switches
2019-09-04
NJ3-V3-N-Y30018 PF-NJ3-V3-N-Y30018 Datasheet
72Kb / 2P
   Inductive proximity switches
NJ2-12GM40-E2-V1-Y37715 PF-NJ2-12GM40-E2-V1-Y37715 Datasheet
118Kb / 1P
   Inductive proximity switches
NJ10-30GK50-E2-5M PF-NJ10-30GK50-E2-5M Datasheet
77Kb / 1P
   Inductive proximity switches
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com