Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2934 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2934
Description  3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2934 Datasheet(HTML) 7 Page - Texas Instruments

  TLC2934 Datasheet HTML 1Page - Texas Instruments TLC2934 Datasheet HTML 2Page - Texas Instruments TLC2934 Datasheet HTML 3Page - Texas Instruments TLC2934 Datasheet HTML 4Page - Texas Instruments TLC2934 Datasheet HTML 5Page - Texas Instruments TLC2934 Datasheet HTML 6Page - Texas Instruments TLC2934 Datasheet HTML 7Page - Texas Instruments TLC2934 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLC2934
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
SLAS306 – NOVEMBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - TLC2934

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2934 TI-TLC2934 Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
TLC2934IPW TI-TLC2934IPW Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
TLC2934IPWG4 TI-TLC2934IPWG4 Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
TLC2934IPWR TI-TLC2934IPWR Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
More results

Similar Description - TLC2934

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2934IPW TI-TLC2934IPW Datasheet
442Kb / 10P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
   Phase-Frequency Detector
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
   Phase Frequency Detector
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
   PHASE FREQUENCY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com