Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZRNI56W-1 Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZRNI56W-1
Description  Long life and robust package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZRNI56W-1 Datasheet(HTML) 1 Page - SunLED Corporation

  XZRNI56W-1 Datasheet HTML 1Page - SunLED Corporation XZRNI56W-1 Datasheet HTML 2Page - SunLED Corporation XZRNI56W-1 Datasheet HTML 3Page - SunLED Corporation XZRNI56W-1 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZRNI56W-1
PHOTOTRANSISTOR
Mar 28, 2016
XDSB0058 V6 Layout: Maggie L.
P. 1/4
Features
● Long life and robust package
● Standard Package: 2,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Condiction
VBR CEO
Collector-to-Emitter Breakdown Voltage
30
V
IC=100μA
Ee=0mW/cm2
VBR ECO
Emitter-to-Collector Breakdown Voltage
5
V
IE=100μA
Ee=0mW/cm2
VCE(SAT)
Collector-to-Emitter Saturation Voltage
0.8
V
IC=2mA
Ee=20mW/cm2
ICEO
Collector Dark Current
100
nA
VCE=10V
Ee=0mW/cm2
TR
Rise Time (10% to 90%)
15
μs
TF
Fall Time (90% to 10%)
15
μs
I(ON)
On State Collector Current
0.2
0.5
mA
VCE=5V
Ee=1mW/cm2
λ=940nm
VCE=5V
IC=1mA
RL=1KΩ
Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Ratings
Collector-to-Emitter Voltage
30V
Emitter-to-Collector Voltage
5V
Power Dissipation at (or below) 25°C Free Air Temperature
100mW
Operating / Storage Temperature Range
-40°C To +85°C
A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process
(Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XZRNI56W-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZRNI55W-3 SUNLED-XZRNI55W-3 Datasheet
279Kb / 4P
   Long life and robust package
More results

Similar Description - XZRNI56W-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
XZMOK56W SUNLED-XZMOK56W Datasheet
263Kb / 4P
   Long life and robust package
XZMYF151W SUNLED-XZMYF151W Datasheet
225Kb / 4P
   Long life and robust package
XZMOK81FS SUNLED-XZMOK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZCBD53W-6 SUNLED-XZCBD53W-6 Datasheet
261Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com