Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0252PWP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA0252PWP
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0252PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA0252PWP Datasheet HTML 6Page - Texas Instruments TPA0252PWP Datasheet HTML 7Page - Texas Instruments TPA0252PWP Datasheet HTML 8Page - Texas Instruments TPA0252PWP Datasheet HTML 9Page - Texas Instruments TPA0252PWP Datasheet HTML 10Page - Texas Instruments TPA0252PWP Datasheet HTML 11Page - Texas Instruments TPA0252PWP Datasheet HTML 12Page - Texas Instruments TPA0252PWP Datasheet HTML 13Page - Texas Instruments TPA0252PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
-120
-40
20
100
1k
10k 20k
f - Frequency - Hz
-60
-80
-100
-20
0
VI = 1 VRMS
RL = 8 Ω, BTL
RL = 32 Ω, SE
RL = 10 kΩ, SE
80
110
0
100
1k
10k 20k
f - Frequency - Hz
105
100
95
115
120
85
90
PO = 1 W
RL = 8 Ω
BTL
AV = 20 dB
AV = 6 dB
-10
20
10
100
1k
10k
100k
f - Frequency - Hz
15
10
5
25
30
-5
0
180
°
90
°
0
°
-90
°
-180
°
1M
RL = 8 Ω
AV = 20 dB
BTL
Gain
Phase
-10
20
10
100
1k
10k
100k
f - Frequency - Hz
15
10
5
25
30
-5
0
180
°
90
°
0
°
-90
°
-180
°
1M
RL = 8 Ω
AV = 6 dB
BTL
Gain
Phase
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
SHUTDOWN ATTENUATION
SIGNAL-TO-NOISE RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
Figure 21.
Figure 22.
10


Similar Part No. - TPA0252PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252PWP TI-TPA0252PWP Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI1-TPA0252PWP Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPG4 TI1-TPA0252PWPG4 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI-TPA0252PWPR Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI1-TPA0252PWPR Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0252PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com