Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C410C472K2H5TA7200 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C410C472K2H5TA7200
Description  Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C472K2H5TA7200 Datasheet(HTML) 5 Page - Kemet Corporation

  C410C472K2H5TA7200 Datasheet HTML 1Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 2Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 3Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 4Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 5Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 6Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 7Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 8Page - Kemet Corporation C410C472K2H5TA7200 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1071_AXIMAX_X8R • 10/17/2016
5
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 – 200 VDC (Commercial & Automotive Grade)
Table 1B - C430 Style/Size (0.150" Diameter x 0.290" L), Capacitance Range Waterfall
C430 Style/Size (0.150" Diameter x 0.260" L)
Rated Voltage (VDC)
50
100
200
Voltage Code
5
1
2
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
1100pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
112
1200pF
122
1500pF
152
1800pF
182
2200pF
222
2700pF
272
0.018µF
183
0.022µF
223
0.027µF
273
273
0.033µF
333
333
0.039µF
393
393
0.047µF
473
473
0.056µF
563
0.068µF
683
0.082µF
823
Rated Voltage (VDC)
50
100
200
Voltage Code
5
1
2
TheseproductsareprotectedunderU.S.Patents7172985&7670981,otherpatentspending,andanyforeigncounterparts.


Similar Part No. - C410C472K2H5TA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472K2G5HA7200 KEMET-C410C472K2G5HA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472K2G5HA7200 KEMET-C410C472K2G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472K2G5HA7293 KEMET-C410C472K2G5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472K2G5TA7200 KEMET-C410C472K2G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472K2G5TA7200 KEMET-C410C472K2G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C410C472K2H5TA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C331J1H5TA9170 KEMET-C410C331J1H5TA9170 Datasheet
60Kb / 1P
   Ceramic, Aximax(UltraStable), 330 pF, 5%, 100 V, X8R, 150C, Axial, Conformally Coated, Automotive Grade
C410C102K5H5TA9170 KEMET-C410C102K5H5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 1000 pF, 10%, 50 V, X8R, AxiMax, Automotive Grade
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C410C103K1H5TA9170 KEMET-C410C103K1H5TA9170 Datasheet
60Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 0.01 uF, 10%, 100 V, X8R, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com