Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8206 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC8206
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8206 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8206 Datasheet HTML 1Page - Toshiba Semiconductor TPC8206 Datasheet HTML 2Page - Toshiba Semiconductor TPC8206 Datasheet HTML 3Page - Toshiba Semiconductor TPC8206 Datasheet HTML 4Page - Toshiba Semiconductor TPC8206 Datasheet HTML 5Page - Toshiba Semiconductor TPC8206 Datasheet HTML 6Page - Toshiba Semiconductor TPC8206 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8206
2003-02-18
3
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
¾
¾
±10
mA
Drain cut-OFF current
IDSS
VDS = 60 V, VGS = 0 V
¾
¾
10
mA
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
¾
¾
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = -12 V
35
¾
¾
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
¾
2.5
V
VGS = 4 V, ID = 2.5 A
¾
55
75
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
¾
40
50
m
W
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
3.5
7.0
¾
S
Input capacitance
Ciss
¾
800
¾
Reverse transfer capacitance
Crss
¾
60
¾
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
¾
190
¾
pF
Rise time
tr
¾
2.6
¾
Turn-ON time
ton
¾
10
¾
Fall time
tf
¾
2.3
¾
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 ms
¾
22
¾
ns
Total gate charge
(gate-source plus gate-drain)
Qg
¾
17
¾
Gate-source charge
Qgs
¾
12
¾
Gate-drain (“miller”) charge
Qgd
VDD ~- 48 V, VGS = 10 V, ID = 5 A
¾
5
¾
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
¾
¾
¾
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
¾
¾
-1.2
V
VDD ~- 30 V
0 V
VGS
10 V
ID = 2.5 A
VOUT


Similar Part No. - TPC8206

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8206 VBSEMI-TPC8206 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - TPC8206

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com