Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C410C472G2H5HA7200 Datasheet(PDF) 10 Page - Kemet Corporation

Part # C410C472G2H5HA7200
Description  Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C472G2H5HA7200 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C410C472G2H5HA7200 Datasheet HTML 2Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 3Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 4Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 5Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 6Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 7Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 8Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 9Page - Kemet Corporation C410C472G2H5HA7200 Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1071_AXIMAX_X8R • 10/17/2016 10
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 – 200 VDC (Commercial & Automotive Grade)
KEMET Electronic Corporation Sales Offices
For a complete list of our global sales offices, please visit www.kemet.com/sales.
Disclaimer
All product specifications, statements, information and data (collectively, the “Information”) in this datasheet are subject to change. The customer is responsible for
checking and verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed.
All Information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on KEMET Electronics Corporation’s (“KEMET”) knowledge of typical operating conditions for such
applications, but are not intended to constitute – and KEMET specifically disclaims – any warranty concerning suitability for a specific customer application or use.
The Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes no
obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component
failures may still occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards
(such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or
property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other
measures may not be required.
KEMET is a registered trademark of KEMET Electronics Corporation.


Similar Part No. - C410C472G2H5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472G2G5HA7200 KEMET-C410C472G2G5HA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472G2G5HA7200 KEMET-C410C472G2G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472G2G5HA7293 KEMET-C410C472G2G5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472G2G5TA7200 KEMET-C410C472G2G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472G2G5TA7200 KEMET-C410C472G2G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C410C472G2H5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C331J1H5TA9170 KEMET-C410C331J1H5TA9170 Datasheet
60Kb / 1P
   Ceramic, Aximax(UltraStable), 330 pF, 5%, 100 V, X8R, 150C, Axial, Conformally Coated, Automotive Grade
C410C102K5H5TA9170 KEMET-C410C102K5H5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 1000 pF, 10%, 50 V, X8R, AxiMax, Automotive Grade
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C410C103K1H5TA9170 KEMET-C410C103K1H5TA9170 Datasheet
60Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 0.01 uF, 10%, 100 V, X8R, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com