Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C430C105M3N5TA9170 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C430C105M3N5TA9170
Description  Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C430C105M3N5TA9170 Datasheet(HTML) 6 Page - Kemet Corporation

  C430C105M3N5TA9170 Datasheet HTML 1Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 2Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 3Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 4Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 5Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 6Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 7Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 8Page - Kemet Corporation C430C105M3N5TA9170 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1072_AXIMAX_X8L • 10/17/2016
6
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 – 50 VDC (Commercial & Automotive Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
Solderability
J–STD–002
Magnification 50 X. Conditions:
a) Method A, at 235°C, Category 3
Temperature Cycling
JESD22 Method JA–104
5 cycles (−55°C to +150°C), measurement at 24 hours ±2 hours after test conclusion.
Biased Humidity
MIL–STD–202 Method
103
Load humidity: 1,000 hours 85°C/85% RH and rated voltage. Add 100 K ohm resistor.
Measurement at 24 hours ±2 hours after test conclusion.
Low volt humidity: 1,000 hours 85°C/85% RH and 1.5 V. Add 100 K ohm resistor.
Measurement at 24 hours ±2 hours after test conclusion.
Moisture Resistance
MIL–STD–202 Method
106
t = 24 hours/cycle. Steps 7a and 7b not required. Unpowered.
Measurement at 24 hours ±2 hours after test conclusion.
Thermal Shock
MIL–STD–202 Method
107
−55°C/+150°C. Note: Number of cycles required = 300. Maximum transfer time = 20
seconds. Dwell time – 15 minutes. Air – Air.
High Temperature Life
MIL–STD–202 Method
108
/EIA–198
1,000 hours at 150°C with 2 X rated voltage applied.
Storage Life
MIL–STD–202 Method
108
150°C, 0 VDC, for 1,000 hours.
Vibration
MIL–STD–202 Method
204
5 g for 20 minutes, 12 cycles each of 3 orientations. Note: Use 8"X5" PCB .031" thick 7
secure points on one long side and 2 secure points at corners of opposite sides. Parts
mounted within 2" from any secure point. Test from 10 – 2,000 Hz.
Resistance to Soldering
Heat
MIL–STD–202 Method
210
Condition B. No preheat of samples. Note: single wave solder – procedure 2.
Terminal Strength
MIL–STD–202 Method
211
Conditions A (454g), Condition C (227g)
Mechanical Shock
MIL–STD–202 Method
213
Figure 1 of Method 213, Condition C.
Resistance to Solvents
MIL–STD–202 Method
215
Add aqueous wash chemical – OKEM Clean or equivalent.
Storage & Handling
The un-mounted storage life of a through-hole (leaded) ceramic capacitor is dependent upon storage and atmospheric
conditions as well as packaging materials. While the ceramic chips enveloped under the epoxy coating themselves are quite
robust in most environments, solderability of the wire lead on the final epoxy-coated product will be degraded by exposure
to high temperatures, high humidity, corrosive atmospheres, and long term storage. In addition, packaging materials will be
degraded by high temperature and exposure to direct sunlight – reels may soften or warp, and tape peel force may increase.
KEMET recommends storing the un-mounted capacitors in their original packaging, in a location away from direct sunlight,
and where the temperature and relative humidity do not exceed 40 degrees centigrade and 70% respectively. For optimum
solderability, capacitor stock should be used promptly, preferably within 18 months of receipt. For applications requiring
pre-tinning of components, storage life may be extended if solderability is verified. Before cleaning, bonding or molding these
devices, it is important to verify that your process does not affect product quality and performance. KEMET recommends
testing and evaluating the performance of a cleaned, bonded or molded product prior to implementing and/or qualifying any
of these processes.


Similar Part No. - C430C105M3N5TA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C430C105M3R5HA7200 KEMET-C430C105M3R5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C430C105M3R5HA7293 KEMET-C430C105M3R5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C430C105M3R5TA7200 KEMET-C430C105M3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C430C105M3R5TA7293 KEMET-C430C105M3R5TA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C430C105M3R5TA9170 KEMET-C430C105M3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C430C105M3N5TA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C430C225K3N5TA9170 KEMET-C430C225K3N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 2.2 uF, 10%, 25 V, X8L, AxiMax, Automotive Grade
C410C104K5N5TA9170 KEMET-C410C104K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.1 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C410C154K5N5TA9170 KEMET-C410C154K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.15 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C430C474K5N5TA9170 KEMET-C430C474K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.47 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com