Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C410C105K5N5HA9170 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C410C105K5N5HA9170
Description  Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C105K5N5HA9170 Datasheet(HTML) 1 Page - Kemet Corporation

  C410C105K5N5HA9170 Datasheet HTML 1Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 2Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 3Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 4Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 5Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 6Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 7Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 8Page - Kemet Corporation C410C105K5N5HA9170 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1072_AXIMAX_X8L • 10/17/2016
1
One world. One KEMET
Overview
KEMET’s Aximax conformally coated axial through-hole
ceramic capacitors in X8L dielectric feature a 150°C
maximum operating temperature and is considered
"general purpose high temperature". These components
are fixed, ceramic dielectric capacitors suited for high
temperature bypass and decoupling applications or
frequency discriminating circuits where Q and stability of
capacitance characteristics are not critical. X8L exhibits
a predictable change in capacitance with respect to time
and voltage and boasts a minimal change in capacitance
with reference to ambient temperature up to 125°C. Beyond
125°C X8L displays a wider variation in capacitance.
Capacitance change is limited to ±15% from -55°C to
+125°C and +15, -40% from 125°C to 150°C.
Driven by the demand for a more robust and reliable
component, X8L dielectric capacitors were developed for
critical applications where reliability at higher operating
temperatures are a concern. These capacitors are widely
used in automotive circuits as well as general high
temperature applications.
In addition to commercial grade, automotive grade devices
are available and meet the demanding Automotive Electronics
Council's AEC-Q200 qualification requirements.
These devices meet the flame test requirements outlined in
UL Standard 94V-0.
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, X8L
Dielectric, 25 – 50 VDC (Commercial & Automotive Grade)
Ordering Information
C
410
C
105
K
3
N
5
T
A
7200
Ceramic Style
/Size
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated
Voltage
(VDC)
Dielectric Design
Lead
Finish2
Failure
Rate
Packaging/Grade
(C-Spec)
410
430
C = Standard Two significant
digits and
number of
zeros
J = ±5%
K = ±10%
M = ±20%
3 = 25 V
5 = 50 V
N =
X8L
5 =
Multilayer
T = 100%
Matte Sn
H = SnPb
(60/40)
A = N/A Blank = Bulk
7200 = 12" Reel
7293 = Ammo pack
9170 = Automotive grade
9170 7200 = Auto 12" Reel
9170 7293 = Auto Ammo pack
1
Additional capacitance Tolerance offerings may be available. Contact KEMET for details.
2
Lead materials:
Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation).
Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation).
Additionalleadfinishoptionsmaybeavailable.ContactKEMETfordetails
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C410C105K5N5HA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K5R5HA7200 KEMET-C410C105K5R5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5HA7293 KEMET-C410C105K5R5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5TA7200 KEMET-C410C105K5R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5TA7293 KEMET-C410C105K5R5TA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K5R5TA9170 KEMET-C410C105K5R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C410C105K5N5HA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C430C225K3N5TA9170 KEMET-C430C225K3N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 2.2 uF, 10%, 25 V, X8L, AxiMax, Automotive Grade
C410C104K5N5TA9170 KEMET-C410C104K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.1 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C410C154K5N5TA9170 KEMET-C410C154K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.15 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C430C474K5N5TA9170 KEMET-C430C474K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.47 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com