Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025MJ-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN5E025MJ-E
Description  Single channel high side driver with analog current sense for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025MJ-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN5E025MJ-E Datasheet HTML 6Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 7Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 8Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 9Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 10Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 11Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 12Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 13Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
VN5E025MJ-E
10/35
DocID16373 Rev 2
Table 8. Protection and diagnostics (1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device operates under
abnormal conditions this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit current
VCC = 13V
43
60
85
A
5V < VCC < 28V
85
A
IlimL
Short circuit current
during thermal cycling
VCC = 13V; TR < Tj < TTSD
15
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of status
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT = 2A; VIN = 0;
L = 6mH
VCC-41 VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT = 0.1A
Tj = -40°C...150°C
(see Figure 6)
25
mV
Table 9. Current sense (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
KLED
IOUT/ISENSE
IOUT = 0.05A, VSENSE = 0.5V,
VCSD = 0V; Tj = -40°C...150°C
1370 3180 4930
K0
IOUT/ISENSE
IOUT = 0.5A; VSENSE = 0.5V;
VCSD = 0V; Tj = -40°C...150°C
1990 3050 4120
K1
IOUT/ISENSE
IOUT = 2A; VSENSE = 4V; VCSD = 0V;
Tj = -40°C...150°C
Tj = 25°C...150°C
2100
2220
2860
2860
3840
3500
dK1/K1
(1)
Current sense ratio
drift
IOUT = 2A; VSENSE = 4V; VCSD = 0V;
Tj = -40 °C to 150 °C
-10
10
%
K2
IOUT/ISENSE
IOUT = 3A; VSENSE = 4V; VCSD = 0V;
Tj = -40°C...150°C
Tj = 25°C...150°C
2300
2420
2850
2850
3520
3300
dK2/K2
(1)
Current sense ratio
drift
IOUT = 3 A; VSENSE = 4 V;
VCSD = 0V; Tj = -40 °C to 150 °C
-7
7
%
K3
IOUT/ISENSE
IOUT = 10A; VSENSE = 4V;
VCSD = 0V;
Tj = -40°C...150°C
Tj = 25°C...150°C
2690
2700
2830
2830
3060
3020
dK3/K3
(1)
Current sense ratio
drift
IOUT = 10 A; VSENSE = 4 V;
VCSD = 0V; Tj = -40 °C to 150 °C
-4
4
%


Similar Part No. - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
   SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
   Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
   Single channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com