Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T322B105K035AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T322B105K035AT
Description  Capacitor, Tantalum, 1 uF, /-10% Tol, 35 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T322B105K035AT Datasheet(HTML) 1 Page - Kemet Corporation

  T322B105K035AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/28/2016 - 9dd69bb7-6113-4e80-925f-7fed741a3d8b
KEMET Part Number: T322B105K035AT
Capacitor, Tantalum, 1 uF, +/-10% Tol, 35 V
Dimensions (mm)
Symbol
Dimension
Tolerance
D
2.79
MAX
L
7.37
MAX
F
0.51
+/-0.05
LL
38.1
+/-6.35
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 250
General Information
Supplier: KEMET
Application: General Purpose
Body Type: Axial
Lead Type: Un-insulated Wire
Termination Type: Tin (Sn)
RoHS: Yes
Specifications
Capacitance: 1 uF
Tolerance: +/-10%
Voltage: 35 VDC (85C)
Voltage: 28 VDC (125C Surge)
Voltage: 0.35 V (125C Reverse)
Temperature Range: -55/+125C
Resistance/ESR: 8 Ohms (100kHz)
Leakage Current: 0.5 uA
Dissipation Factor: 3%
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T322B105K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T322B105K035AT7200 KEMET-T322B105K035AT7200 Datasheet
68Kb / 1P
   Capacitor, Tantalum, 1 uF, /-10% Tol, 35 V
More results

Similar Description - T322B105K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T322B105K035AT7200 KEMET-T322B105K035AT7200 Datasheet
68Kb / 1P
   Capacitor, Tantalum, 1 uF, /-10% Tol, 35 V
T322E336K035AT KEMET-T322E336K035AT Datasheet
67Kb / 1P
   Capacitor, Tantalum, 33 uF, /-10% Tol, 35 V
T322A105K025AT KEMET-T322A105K025AT Datasheet
66Kb / 1P
   Capacitor, Tantalum, 1 uF, /-10% Tol, 25 V
T322E106K050AT KEMET-T322E106K050AT Datasheet
67Kb / 1P
   Capacitor, Tantalum, 10 uF, /-10% Tol, 50 V
T322C106K020AT KEMET-T322C106K020AT Datasheet
67Kb / 1P
   Capacitor, Tantalum, 10 uF, /-10% Tol, 20 V
T322E476K025AT KEMET-T322E476K025AT Datasheet
68Kb / 1P
   Capacitor, Tantalum, 47 uF, /-10% Tol, 25 V
T110B156K020AT KEMET-T110B156K020AT Datasheet
50Kb / 1P
   Capacitor, Tantalum, 15 uF, /-10% Tol, 20 V
T110C336K020AT KEMET-T110C336K020AT Datasheet
50Kb / 1P
   Capacitor, Tantalum, 33 uF, /-10% Tol, 20 V
T255A106K006BS KEMET-T255A106K006BS Datasheet
79Kb / 1P
   Capacitor, Tantalum, 10 uF, /-10% Tol, 6V@85C
T350A105K035AT7301 KEMET-T350A105K035AT7301 Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 1 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com