Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC68F2420BC68F2420 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # BC68F2420BC68F2420
Description  315/433MHz RF Super-regenerative Receiver SoC Flash MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC68F2420BC68F2420 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button BC68F2420BC68F2420 Datasheet HTML 2Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 3Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 4Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 5Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 6Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 7Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 8Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 9Page - Holtek Semiconductor Inc BC68F2420BC68F2420 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Rev. 1.00
6
�a� ��� �01�
Rev. 1.00
�a� ��� �01�
BC68F2420
315/433MHz RF Super-regenerative
Receiver SoC Flash MCU
BC68F2420
315/433MHz RF Super-regenerative
Receiver SoC Flash MCU
Features
CPU Features
• HoltekTinyPowerTMTechnology
• Operatingvoltage
VDD(MCU)
– fSYS=32kHz:2.2V~5.5V
– fSYS=16MHz:3.3V~5.5V
VDDRF(RF)
– fSYS=16MHz:4.5V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillatortypes:
InternalHighSpeedRC–HIRC
InternalLowSpeed32kHzRC–LIRC
• Multi-modeoperation:FAST,SLOW,IDLEandSLEEP
• Fullyintegratedinternal16MHzoscillatorrequiresnoexternalcomponents
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• 4-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:1K×14
• RAMDataMemory:64×8
• TrueEEPROMMemory:32×8
• WatchdogTimerfunction
• Upto9bidirectionalI/Olines
• ProgrammableI/Oportsourcecurrent
• Twopin-sharedexternalinterrupts
• MultipleTimerModulesfortimemeasurement,captureinput,comparematchoutputorPWM
outputorsinglepulseoutputfunction
1Compacttype10-bitTimerModule–CTM
1Standardtype10-bitTimerModule–STM
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• Packagetypes:16-pinNSOP-EP


Similar Part No. - BC68F2420BC68F2420

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
More results

Similar Description - BC68F2420BC68F2420

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
   315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
BC2401 HOLTEK-BC2401 Datasheet
1Mb / 7P
   315/433MHz Super-Regenerative OOK Rx IC
logo
E-CMOS Corporation
ECF800 E-CMOS-ECF800 Datasheet
622Kb / 8P
   315/433MHz OOK/ASK Receiver SOC for Home Automation
logo
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
   315/433MHz FSK/ASK Receiver
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
   315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com