Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC2401 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # BC2401
Description  315/433MHz Super-Regenerative OOK Rx IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC2401 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  BC2401 Datasheet HTML 1Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 2Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 3Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 4Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 5Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 6Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 1.00
2
January 24, 2017
BC2401
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Pin Assignment
RFIN
VSSRF
DOUT
VSS
L1
L2
VDDRF
VDD
BC2401
8 SOP-EP-A
1
2
3
4
8
7
6
5
Pin Description
Pin No.
Pin Name
I/O
Description
1
RFIN
AI
RF signal input from antenna
2
VSSRF
PWR
Ground
3
VSS
PWR
Ground
4
DOUT
O
Rx demodulated data output
5
VDD
PWR
Digital positive power supply
6
L2
AI/AO
Local Oscillator – connected to external LC tank
7
LI
AI/AO
Local Oscillator – connected to external LC tank
8
VDDRF
PWR
RF positive power supply
9
GND
PWR
Expose pad
Note:I:DigitalInput
O:DigitalOutput
AI:AnalogInput
AO:AnalogOutput
PWR:Power
Absolute Maximum Ratings
SupplyVoltage.................................VSS-0.3Vto6.0V
StorageTemperature............................50°Cto125°C
InputVoltage...........................VSS-0.3VtoVDD+0.3V
OperatingTemperature........................ -40°Cto85°C
ESDHBM......................................................... ±5kV
RXInputPower................................................ 0dBm


Similar Part No. - BC2401

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC2402A BOLYMIN-BC2402A Datasheet
329Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2402AI BOLYMIN-BC2402AI_17 Datasheet
164Kb / 1P
   Multi-interface : I2C/SPI/RS232(USB optional)
BC2402A BOLYMIN-BC2402A_17 Datasheet
512Kb / 1P
   COB with metal Frame
More results

Similar Description - BC2401

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
   315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
logo
E-CMOS Corporation
ECF800 E-CMOS-ECF800 Datasheet
622Kb / 8P
   315/433MHz OOK/ASK Receiver SOC for Home Automation
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
logo
Melexis Microelectronic...
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
   315/433MHz ASK Transmitter
logo
rfsolutions.ltd
AM-HRRN-XXX RFSOLUTIONS-AM-HRRN-XXX Datasheet
103Kb / 5P
   AM SUPER REGENERATIVE RECEIVERS
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
SI4312-B10-GMR SILABS-SI4312-B10-GMR Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com