Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS816A-1 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # BS816A-1
Description  Operating voltage: 2.2V~5.5V
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS816A-1 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button BS816A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 10Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 11Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 12Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 13Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 14Page - Holtek Semiconductor Inc BS816A-1 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Rev. 1.32
11
January 19, 2016
BS812A-1/BS813A-1/BS814A-1/BS814A-2
BS816A-1/BS818A-2/BS8112A-3/BS8116A-3
BS8112A-3andBS8116A-3Touch-keyStatusDataRegisters
Address
Name
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
R/W
08H
KeyStatus0
Key8
Key7
Key6
Key5
Key4
Key3
Key2
Key1
R
09H
KeyStatus1 Key16
(Note)
Key15
(Note)
Key14
(Note)
Key13
(Note)
Key12
Key11
Key10
Key9
R
Note:Key16~Key13areonlyfortheBS8116A-3device.
0=notouch,1=touch
BS8112A-3 Write Setting Register
WhenthemasterwillwritethesettingbytetotheBS8112A-3,itmustwrite18datebytesconsecutivelywiththe
startbyteof0xB0andthelastbyteofthechecksum.
Start
Slave
Address
A
C
K
W
NO ACK
Stop
A
C
K
A
C
K
A
C
K
0xB0
DATA1
A
C
K
DATA17
DATA2~16
CheckSum
Whenthesettingischanged,theTouchKeymodulewillbereset.Forabout0.5slatertheTouchKeymodulecan
normallyoperateafterreset.
BS8112A-3 Read Setting Register
ThemasterreadasettingbyteoftheBS8112A-3.
Start
Slave
Address
A
C
K
W
A
C
K
R
Start
A
C
K
NO ACK
Stop
Slave
Address
0xB0~0xC0
DATA
ThemasterreadnsettingbytesoftheBS8112A-3.
Start
Slave
Address
A
C
K
W
A
C
K
Start
NO ACK
Stop
Slave
Address
A
C
K
R
A
C
K
Address
DATA1
A
C
K
DATAn
DATA
BS8112A-3Touch-keySettingRegisters
Address
Name
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
R/W
B0H
Option1
IRQ_OMS
R/W
B1H
Reserve
0x00
R/W
B2H
Reserve
0x83
R/W
B3H
Reserve
0xF3
R/W
B4H
Option2
1
LSC
0
1
1
0
0
0
R/W
B5H
K1_TH
K1WU
0
Key1 Trigger threshold value
R/W
B6H
K2_TH
K2WU
0
Key2 Trigger threshold value
R/W
B7H
K3_TH
K3WU
0
Key3 Trigger threshold value
R/W
B8H
K4_TH
K4WU
0
Key4 Trigger threshold value
R/W
B9H
K5_TH
K5WU
0
Key5 Trigger threshold value
R/W
BAH
K6_TH
K6WU
0
Key6 Trigger threshold value
R/W
BBH
K7_TH
K7WU
0
Key7 Trigger threshold value
R/W
BCH
K8_TH
K8WU
0
Key8 Trigger threshold value
R/W
BDH
K9_TH
K9WU
0
Key9 Trigger threshold value
R/W
BEH
K10_TH
K10WU
0
Key10 Trigger threshold value
R/W
BFH
K11_TH
K11WU
0
Key11 Trigger threshold value
R/W
C0H
K12_TH
K12WU
Mode
Key12 Trigger threshold value
R/W
BS8112A-3Key12/IRQFunctionSelection
Key12 Mode( bit6 of K12_TH)
Function
0
Key12
1
IRQ (Default)


Similar Part No. - BS816A-1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS817 DIODES-BS817 Datasheet
58Kb / 2P
   P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS11401 Rev. D-3
More results

Similar Description - BS816A-1

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
HS5338B-D EHAOAN-HS5338B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2v -5.5v
HS5038B-C EHAOAN-HS5038B-C Datasheet
1Mb / 8P
   Operating voltage: 2.2v -5.5v
HS1838T-B-E EHAOAN-HS1838T-B-E Datasheet
1Mb / 8P
   Operating voltage: 2.2v -5.5v
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Holtek Semiconductor In...
HT7022A HOLTEK-HT7022A Datasheet
165Kb / 12P
   2.2V Voltage Detector
logo
EHAOAN.
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Maxim Integrated Produc...
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
   2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
   2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com