Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7611B Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7611B
Description  General Purpose PIR Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7611B Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7611B Datasheet HTML 1Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 2Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 3Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7611B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT7610A/HT7610B/HT7611A/HT7611B
Rev. 1.60
5
March 21, 2013
ZC
ZC is a CMOS input structure. It receives AC line fre-
quency and generates zero crossing pulses to synchro-
nize the triac driver. By effective ZC signal switching
(switch OFF/ON 1 or 2 times within 3 seconds by mask
option), the chip provides the following additional func-
tions:
· Test mode control
Within 10 seconds after power-on, effective ZC
switching will force the chip to enter the test mode.
During the test mode, the outputs will be active for a
duration of 2 seconds each time a valid PIR trigger
signal is received. If a time interval exceeds 32 sec-
onds without a valid trigger input, the chip will auto-
matically enter the AUTO mode.
· Override control
When the chip is working in an AUTO mode
(MODE=open), the output is activated by a valid PIR
trigger signal and the output active duration is con-
trolled by an OSCD oscillating period. The lamp can
be switched always to
²ON² from the AUTO mode by
either switching the MODE pin to VDD or switching
the ZC signal by an OFF/ON operation of the power
switch (OFF/ON once or twice within 3 seconds by
mask option). The term
²override² refers to the
change of operating mode by switching the power
switch. The chip can be toggled from ON to AUTO by
an override operation. If the chip is overridden to ON
and there is no further override operation, it will auto-
matically return to AUTO after an internal preset ON
time duration has elapsed. This override ON time du-
ration is 8 hours.
The chip provides a mask option to determine the out-
put flash times (3 times) when changing the operating
mode. It will flash 3 times at a 1Hz rate each time the
chip changes from an AUTO mode to another mode or
flash 3 times at a 2Hz rate when returning to the
AUTO mode. But if the AUTO mode is changed by
switching the MODE switch it will not flash.
RST
RST is used to reset the chip. It is internal pull-high and
active low.
The use of CRST can extend the power-on initial time. If
the RST pin is an open circuit (without CRST), the initial
time is the default (40 secs).
Power-on Initial
The PIR signal amplifier requires a warm up period after
power-on. The input should be disabled during this period.
In the AUTO mode within the first 10 seconds of
power-on initialization, the chip allows override control
to enter the test mode. After 40 seconds of the initial
time the chip allows override control between ON and
AUTO. It will remain in the warm up period if the total ini-
tial time has not elapsed after returning to AUTO.
In case that the ZC signal disappears for more than 3
seconds, the chip will restart the initialization operation.
However, the restart initial time is always 40 seconds
and cannot be extended by adding CRST to the RST pin
as shown in the Fig.1.
Mask Options
The HT761x offers mask options to select the output
flash (3 times) when changing the operating mode. The
chip will flash 3 times at a 1Hz rate each time it changes
from AUTO to another mode and flash 3 times at a 2Hz
rate when it returns to the AUTO mode. However the
chip will not flash if the mode is changed by switching
the MODE switch.
· Options for effective override: Once or twice Off/On op-
eration of power switch within 3 seconds. Once for
HT7611A/HT7611B and twice for HT7610A/HT7610B.
· Options for output flash to indicate effective override
operation. Flash for HT7610A/HT7610B and no flash
for HT7611A/HT7611B.
Z C
A U T O
O N
A U T O
A U T O
O p e r a t i n g
M o d e
8 h o u r s
O N
f l a s h
f l a s h
f l a s h
f l a s h
ZC Override Timing
R E S T
R S T
1 0 0 m F
C R S T
V C C
V E E
V D D
Fig.1 RST Application Example


Similar Part No. - HT7611B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7611B HOLTEK-HT7611B Datasheet
154Kb / 12P
   General Purpose PIR Controller
More results

Similar Description - HT7611B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com