Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR330 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SR330
Description  3.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SR330 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SR330 Datasheet HTML 1Page - Nanjing International Group Co SR330 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
R320 THRU SR3200)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
140
160
180
200
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
40
20
0
60
80
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
100


Similar Part No. - SR330

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR330 DGNJDZ-SR330 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR330 WTE-SR330 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR330 DGNJDZ-SR330 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR330 SEMTECH_ELEC-SR330 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR330 SHUNYE-SR330 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR330

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360-3A-DO-27 DGNJDZ-SR360-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
1N5820U DYELEC-1N5820U Datasheet
708Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com