Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VND5E006ASP-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5E006ASP-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E006ASP-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5E006ASP-E Datasheet HTML 6Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 7Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 8Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 9Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 10Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 11Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 12Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 13Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specifications
VND5E006ASP-E
10/37
DocID17362 Rev 6
Table 7. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN = 1 mA
5.5
7
V
IIN = -1 mA
-0.7
V
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS current
VCSD = 0.9 V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
ICSDH
High level CS_DIS current
VCSD = 2.1 V
10
µA
VCSD(hyst
)
CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD = 1 mA
5.5
7
V
ICSD = -1 mA
-0.7
V
Table 8. Protections and diagnostics(1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit current
VCC = 13 V
70
100
140
A
5 V < VCC < 24 V
140
A
IlimL
Short circuit current
during thermal cycling
VCC = 13 V; TR < Tj < TTSD
25
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS +
1
TRS +
5
°C
TRS
Thermal reset of status
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT = 2 A; VIN = 0; L = 6 mH
VCC-
28
VCC-
31
VCC-
35
V
VON
Output voltage drop
limitation
IOUT =1 A; Tj = -40 °C...150 °C
(see Figure 8)
25
mV


Similar Part No. - VND5E006ASP-E

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5E004A-E STMICROELECTRONICS-VND5E004A-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004A30TR-E STMICROELECTRONICS-VND5E004A30TR-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004ASP30-E STMICROELECTRONICS-VND5E004ASP30-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004ATR-E STMICROELECTRONICS-VND5E004ATR-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
More results

Similar Description - VND5E006ASP-E

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com