Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E006ASP-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # VND5E006ASP-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E006ASP-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VND5E006ASP-E Datasheet HTML 13Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 14Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 15Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 16Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 17Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 18Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 19Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 20Page - STMicroelectronics VND5E006ASP-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID17362 Rev 6
17/37
VND5E006ASP-E
Electrical specifications
36
Table 12. Electrical transient requirements (part 1/3)
ISO 7637-2:
2004(E)
Test Pulse
Test levels(1)
1.
The above test levels must be considered referred to VCC = 13.5 V except for pulse 5b.
Number of
pulses or
test times
Burst cycle/pulse
repetition time
Delays and
impedance
III
IV
1
-75 V
-100 V
5000
pulses
0.5 s
5 s
2 ms, 10
Ω
2a
+37 V
+50 V
5000
pulses
0.2 s
5 s
50
μs, 2 Ω
3a
-100 V
-150 V
1h
90 ms
100 ms
0.1
μs, 50 Ω
3b
+75 V
+100 V
1h
90 ms
100 ms
0.1
μs, 50 Ω
4
-6 V
-7 V
1 pulse
100 ms, 0.01
Ω
5b(2)
2.
Valid in case of external load dump clamp: 40V maximum referred to ground. The protection strategy
allows PowerMOS to be cyclically switched on during load dump, so distributing the load dump energy
along the time and to transfer a part of it to the load.
+65 V
+87 V
1 pulse
400 ms, 2
Ω
Table 13. Electrical transient requirements (part 2/3)
ISO 7637-2:
2004(E)
Test Pulse
Test level results(1)
1.
The above test levels must be considered referred to VCC = 13.5 V except for pulse 5b.
III
IV
1C
C
2a
C
C
3a
C
C
3b
C
C
4C
C
5b(2)(3)
2.
Valid in case of external load dump clamp: 40V maximum referred to ground. The protection strategy
allows PowerMOS to be cyclically switched on during load dump, so distributing the load dump energy
along the time and to transfer a part of it to the load.
3.
Suppressed load dump (pulse 5b) is withstood with a minimum load connected as specified in
Table 3: Absolute maximum ratings.
CC
Table 14. Electrical transient requirements (part 3/3)
Class
Contents
C
All functions of the device are performed as designed after exposure to disturbance.
E
One or more functions of the device are not performed as designed after exposure
to disturbance and cannot be returned to proper operation without replacing the


Similar Part No. - VND5E006ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E004A-E STMICROELECTRONICS-VND5E004A-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004A30TR-E STMICROELECTRONICS-VND5E004A30TR-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004ASP30-E STMICROELECTRONICS-VND5E004ASP30-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004ATR-E STMICROELECTRONICS-VND5E004ATR-E Datasheet
974Kb / 43P
   Double 4 m high-side driver with analog current sense for automotive applications
January 2017 Rev 5
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
   Double 4m high-side driver with analog CurrentSense
More results

Similar Description - VND5E006ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com