Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T591D107M010ATE040 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T591D107M010ATE040
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T591D107M010ATE040 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T591D107M010ATE040 Datasheet HTML 4Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 5Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 6Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 7Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 8Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 9Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 10Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 11Page - Kemet Corporation T591D107M010ATE040 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 6/5/2017
88
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
Derating Guidelines
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
−55
25
45
85
105
125
Recommended Application Voltage
V
R > 16 V
Rated Voltage
Recommended Application Voltage
V
R ≤ 10 V
67%
60%
54%
Temperature (˚C)
Recommended Application Voltage
KOCAP’saresolidstatecapacitorsthatdemonstratenowearoutmechanismwhenoperatedwithintheirrecommended
guidelines. WhiletheKOCAPcanbeoperatedatfullratedvoltage,mostcircuitdesignersseekaminimumlevelof
assuranceinlongtermreliabilitywhichshouldbedemonstratedwithdata.
Avoltagederatingcanprovidethedesiredlevelofdemonstratedreliabilitybasedonindustryacceptedacceleration
models.Sincemostapplicationsdorequirelongtermreliability,KEMETrecommendsthatdesignersconsidera10%voltage
derating,accordingthegraphicabove,forthemaximumsteadystatevoltage.
Voltage
Rating
Maximum Recommended
Steady State Voltage
−55°Cto105°C
105°Cto125°C
2.5V≤V
R≤10V
90%ofV
R
60%ofV
R
V
R≥16V
80%ofV
R
54%ofV
R
V
R = Rated Voltage


Similar Part No. - T591D107M010ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T591D107M010ATE025 KEMET-T591D107M010ATE025 Datasheet
1Mb / 18P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T591D107M010ATE025 KEMET-T591D107M010ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T591, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, 25 mOhms, Height Max = 3.1mm
More results

Similar Description - T591D107M010ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025 Datasheet
1Mb / 18P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com