Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1080 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SR1080
Description  SCHOTTKY BARRIER RECTIFIERS 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SR1080 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SR1080 Datasheet HTML 1Page - Nanjing International Group Co SR1080 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
R1020 THRU SR10100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
2
.0
4
.0
6
.0
8
.0
10
.0
12
.0
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
10
0
5
0
0
15
0
2
50
20
0
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - SR1080

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SR1080 CHENYI-SR1080 Datasheet
179Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR1080 DGNJDZ-SR1080 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
HY ELECTRONIC CORP.
SR1080 HY-SR1080 Datasheet
477Kb / 4P
   Schottky Barrier Recitifiers
logo
Shanghai Lunsure Electr...
SR1080 CHENYI-SR1080 Datasheet
170Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR1080 DGNJDZ-SR1080 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
More results

Similar Description - SR1080

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
   10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1080-10A-DO-27 DGNJDZ-SR1080-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020.10A-DO-27 DGNJDZ-SR1020.10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1060-10A-DO-27 DGNJDZ-SR1060-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
SR10100-10A-DO-27 DGNJDZ-SR10100-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10100AULPS PACELEADER-MBR10100AULPS Datasheet
383Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
MBR10150CT PACELEADER-MBR10150CT Datasheet
362Kb / 3P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com