Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMHE41A364AGBG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RMHE41A364AGBG
Description  1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMHE41A364AGBG Datasheet(HTML) 1 Page - Renesas Technology Corp

  RMHE41A364AGBG Datasheet HTML 1Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 2Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 3Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 4Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 5Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 6Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 7Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 8Page - Renesas Technology Corp RMHE41A364AGBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
R10DS0250EJ0100 Rev. 1.00
Page 1 of 51
Jun. 19, 2015
Datasheet
RMHE41A184AGBG
RMHE41A364AGBG
1.1G-BIT Low Latency DRAM-III
Common I/O Burst Length of 4
Description
The RMHE41A184AGBG is a 67,108,864-word by 18-bit and the RMHE41A364AGBG is a 33,554,432-word by 36-bit
synchronous double data rate Low Latency RAM fabricated with advanced CMOS technology using DRAM memory cell.
The Low Latency DRAM-III chip is a 1.1Gb DRAM capable of a sustained throughput of approximately 57.6 Gbps for
burst length of 4 (approximately 51.2 Gbps for applications implementing error correction), excluding refresh overhead
and data bus turn-around
With a bus speed of 800 MHz, a burst length of 4, and a tRC of 13.75 ns, the Low Latency DRAM-III chip is capable of
achieving this rate when accesses to at least 6 banks of memory are overlapped.
These products are packaged in 180-pin FCBGA.
Specification
• Density: 1.1Gbit
• Organization: 8M words x 18 bits x 8 banks
4M words x 36 bits x 8 banks
• Operating frequency
800 MHz (MAX.) @ tRC=13.75 ns
• tRC
13.75 ns tRC (and 13.75 ns tRFC)
• Burst length: 4
• Address bus
2 cycle DDR address
• Package
180-pin FCBGA (Ball Array: 1 mm x 1 mm Pitch)
Package size: 18.5 mm x 14 mm
ROHS 6/6 compliance
• Power supply
- 2.5 V VEXT
- 1.5 V VDD
- 1.0 V or 1.2 V VDDQ
• Refresh command
- Auto Refresh : 16384 cycles / 2 ms for each bank
- Overlapped Refresh with REF# pin
• Operating case temperature: 0 to 95 °C
R10DS0250EJ0100
Rev. 1.00
Jun. 19, 2015


Similar Part No. - RMHE41A364AGBG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMHE VISHAY-RMHE Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WAXXXXBO10E1 VISHAY-RMHE1A1WAXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WBXXXXBO10E1 VISHAY-RMHE1A1WBXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WCXXXXBO10E1 VISHAY-RMHE1A1WCXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
RMHE1A1WDXXXXBO10E1 VISHAY-RMHE1A1WDXXXXBO10E1 Datasheet
393Kb / 5P
   Rotative Transducer Elements in Hall Effect Technology
01-Jan-2022
More results

Similar Description - RMHE41A364AGBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48011418 RENESAS-UPD48011418 Datasheet
1Mb / 51P
   1.1G-BIT Lo w Latency DRAM-III Common I/O Burst Length of 4
Feb 01, 2013
UPD48011318 RENESAS-UPD48011318 Datasheet
1Mb / 51P
   1.1G-BIT L ow Latency DRAM-III Common I/O Burst Length of 2
Feb 01, 2013
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com