Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLQP0052JA-B Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PLQP0052JA-B
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0052JA-B Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PLQP0052JA-B Datasheet HTML 6Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 7Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 8Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 9Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 10Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 11Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 12Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 13Page - Renesas Technology Corp PLQP0052JA-B Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 10 of 98
Jan 13, 2016
RX23T Group
1. Overview
Serial
communications
interface (SCIg)
 Simple SPI mode
SCK1, SCK5
I/O
Input/output pins for the clock.
SMISO1, SMISO5
I/O
Input/output pins for slave transmit data.
SMOSI1, SMOSI5
I/O
Input/output pins for master transmit data.
SS1#, SS5#
Input
Chip-select input pins.
I2C bus interface
SCL0
I/O
Input/output pin for I2C bus interface clocks. Bus can be directly driven by
the N-channel open drain output.
SDA0
I/O
Input/output pin for I2C bus interface data. Bus can be directly driven by
the N-channel open drain output.
Serial peripheral
interface
RSPCKA
I/O
Input/output pin for the RSPI clock.
MOSIA
I/O
Input/output pin for transmitting data from the RSPI master.
MISOA
I/O
Input/output pin for transmitting data from the RSPI slave.
SSLA0
I/O
Input/output pin to select the slave for the RSPI.
SSLA1 to SSLA3
Output
Output pins to select the slave for the RSPI.
12-bit A/D
converter
AN000 to AN007, AN016,
AN017
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0#
Input
Input pin for the external trigger signals that start the A/D conversion.
ADST0
Output
Output pin for A/D conversion status.
Comparator C
CMPC00, CMPC01,
CMPC02
Input
Analog input pin for CMPC0
CMPC10, CMPC11,
CMPC12
Input
Analog input pin for CMPC1
CMPC20, CMPC21,
CMPC22
Input
Analog input pin for CMPC2
COMP0 to COMP2
Output
Comparator detection result output pins.
CVREFC0, CVREFC1
Input
Analog reference voltage supply pins for comparator C.
Analog power
supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter, comparator C, and
the 8-bit D/A converter for generating comparator C reference voltage.
Connect this pin to VCC when these modules are not used.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter, comparator C, and the 8-
bit D/A converter for generating comparator C reference voltage. Connect
this pin to VSS when these modules are not used.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter.
I/O ports
P00 to P02
I/O
3-bit input/output pins.
P10, P11
I/O
2-bit input/output pins.
P22 to P24
I/O
3-bit input/output pins.
P30 to P33, P36, P37
I/O
6-bit input/output pins.
P40 to P47
I/O
8-bit input/output pins.
P70 to P76
I/O
7-bit input/output pins.
P91 to P94
I/O
4-bit input/output pins.
PA2 to PA5
I/O
4-bit input/output pins.
PB0 to PB7
I/O
8-bit input/output pins.
PD3 to PD7
I/O
5-bit input/output pins.
PE2
Input
1-bit input pin.
Table 1.5
Pin Functions (2/2)
Classifications
Pin Name
I/O
Description


Similar Part No. - PLQP0052JA-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0032GB-A RENESAS-PLQP0032GB-A Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PLQP0040JB-C RENESAS-PLQP0040JB-C Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
More results

Similar Description - PLQP0052JA-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com