Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050MCJ-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND5E050MCJ-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050MCJ-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND5E050MCJ-E Datasheet HTML 2Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 3Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 4Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 5Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 6Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 7Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 8Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 9Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Block diagram and pin description
VND5E050MCJ-E, VND5E050MCK-E
6/40
Doc ID 022514 Rev 2
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Current sense
N.C.
Output
Input
CS_DIS
Floating
Not allowed
X
X
X
X
To ground
Through 1 K

resistor
X
Not allowed
Through 10 K

resistor
Through 10 K

resistor
PowerSSO-12
TAB = Vcc
Vcc
OUT2
OUT1
OUT1
Vcc
OUT2
12
11
10
9
8
7
1
2
3
4
5
6
CS_DIS
GND
IN1
CS1
IN2
CS2
N.C.
INPUT1
GND
VCC
N.C.
INPUT2
CS_DIS.
VCC
CURRENT SENSE1
N.C.
N.C.
CURRENT SENSE2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
PowerSSO-24
TAB = VCC


Similar Part No. - VND5E050MCJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050MJ-E STMICROELECTRONICS-VND5E050MJ-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MJTR-E STMICROELECTRONICS-VND5E050MJTR-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MK-E STMICROELECTRONICS-VND5E050MK-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MKTR-E STMICROELECTRONICS-VND5E050MKTR-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results

Similar Description - VND5E050MCJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com