Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050MCJ-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND5E050MCJ-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050MCJ-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND5E050MCJ-E Datasheet HTML 3Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 4Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 5Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 6Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 7Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 8Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 9Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 10Page - STMicroelectronics VND5E050MCJ-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
VND5E050MCJ-E, VND5E050MCK-E
Electrical specifications
Doc ID 022514 Rev 2
7/40
2
Electrical specifications
Figure 3.
Current and voltage conventions(1)
1.
VFn = VOUTn - VCC during reverse battery condition.
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to the conditions in table below for extended
periods may affect device reliability.
IS
IGND
VCC
VCC
VSENSE2
OUT1
IOUT1
CS1
ISENSE1
IN1
IIN1
VIN2
VOUT2
GND
CS_DIS
ICSD
VCSD
IN2
IIN2
VIN1
OUT2
IOUT2
CS2
ISENSE2
VSENSE1
VOUT1
VFn
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
0.3
V
-IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
20
A
IIN
DC input current
-1 to 10
mA
ICSD
DC current sense disable input current
-1 to 10
mA
-ICSENSE
DC reverse CS pin current
200
mA
VCSENSE Current sense maximum voltage
VCC - 41 to +VCC
V


Similar Part No. - VND5E050MCJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050MJ-E STMICROELECTRONICS-VND5E050MJ-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MJTR-E STMICROELECTRONICS-VND5E050MJTR-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MK-E STMICROELECTRONICS-VND5E050MK-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MKTR-E STMICROELECTRONICS-VND5E050MKTR-E Datasheet
906Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results

Similar Description - VND5E050MCJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com