Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050ACKTR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND5E050ACKTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050ACKTR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E050ACKTR-E Datasheet HTML 7Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 14Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
VND5E050ACJ-E, VND5E050ACK-E
Electrical specifications
Doc ID 022515 Rev 2
11/43
ICSDH
High level CS_DIS current
VCSD =2.1 V
10
µA
VCSD(hyst) CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD =1 mA
5.5
7
V
ICSD =-1 mA
-0.7
Table 8.
Protections and diagnostics (1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit current
VCC = 13 V
19
27
38
A
5V <VCC < 28 V
38
A
IlimL
Short circuit current
during thermal cycling
VCC =13V;
TR <Tj <TTSD
7A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS+1 TRS+5
°C
TRS
Thermal reset of status
135
°C
THYST
Thermal hysteresis
(TTSD -TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT = 2 A; VIN =0;
L= 6 mH
VCC-41 VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT = 0.1 A;
Tj = -40°C...+150°C
(see Figure 8)
25
mV
Table 9.
Current sense (8 V < VCC <18V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K0
IOUT/ISENSE
IOUT = 0.05 A;
VSENSE =0.5 V;VCSD =0 V;
Tj = -40°C...150°C
1440 2250 3630
K1
IOUT/ISENSE
IOUT = 1 A; VSENSE =4 V;VCSD =0 V;
Tj = -40°C...150°C
Tj = 25°C...150°C
1740
1750
2070
2070
2820
2562
dK1/K1
(1)
Current sense ratio
drift
IOUT = 1 A; VSENSE =4 V; VCSD =0 V;
TJ = -40 °C to 150 °C
-15
15
%
K2
IOUT/ISENSE
IOUT = 2 A; VSENSE =4 V;VCSD =0 V;
Tj = -40°C...150°C
Tj = 25°C...150°C
1900
1899
2000
2000
2395
2282
dK2/K2
(1)
Current sense ratio
drift
IOUT = 2 A; VSENSE =4V; VCSD =0 V;
TJ = -40 °C to 150 °C
-9
9
%
Table 7.
Logic inputs (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJTR-E STMICROELECTRONICS-VND5E050AJTR-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AKTR-E STMICROELECTRONICS-VND5E050AKTR-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com