Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLQP0144KA-A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PLQP0144KA-A
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0144KA-A Datasheet(HTML) 5 Page - Renesas Technology Corp

  PLQP0144KA-A Datasheet HTML 1Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 2Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 3Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 4Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 5Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 6Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 7Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 8Page - Renesas Technology Corp PLQP0144KA-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 5 of 186
Mar 31, 2016
RX63T Group
1. Overview
Timers
General PWM timer
(GPT)
 16 bits x 8 channels
 Counting up or down (saw-wave), counting up and down (triangle-wave) selectable for
all channels
 Select from among four count clocks (PCLKA/1, PCLKA/4, PCLKA/8, and PCLKA/16)
for each channel
 2 input/output pins per channel
 2 output compare/input capture registers per channel
 For the 2 output compare/input capture registers of each channel, 4 registers are
provided as buffer registers and are capable of operating as comparison registers when
buffering is not in use.
 In output compare operation, buffer switching can be at peaks or troughs, enabling the
generation of laterally asymmetrically PWM waveforms.
 Registers for setting up frame intervals on each channel (with capability for generating
interrupts on overflow or underflow)
 Synchronizable operation of the several counters
 Modes of synchronized operation (synchronized, or displaced by desired times for
phase shifting)
 Generation of dead times in PWM operation
 Through combination of three counters, generation of automatic three-phase PWM
waveforms incorporating dead times
 Starting, clearing, and stopping counters in response to external or internal triggers
 Internal trigger sources: Output of the internal comparator detection, software, and
compare-match
 The main clock can be used as a counter clock for measuring the timing of the edges of
signals produced by frequency-dividing the dedicated clock signal for the IWDT (to
detect abnormal oscillation).
 A PWM delay with an accuracy of up to 1/32 times the period of the system clock (ICLK)
can be generated to control the timing with which signals from the two PWM output pins
from each of channels 0 to 3 rise and fall.
Compare match timer
(CMT)
 (16 bits × 2 channels) × 2 units
 Select from among four internal clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/
512)
Watchdog timer
(WDTA)
 14 bits × 1 channel
 Select from among 6 counter-input clock signals (PCLK/4, PCLK/64, PCLK/128, PCLK/
512, PCLK/2048, PCLK/8192)
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Counter-input clock: Dedicated on-chip oscillator
 Dedicated clock/1, dedicated clock/16, dedicated clock/32, dedicated clock/64,
dedicated clock/128, dedicated clock/256
Communication
function
USB 2.0 host/function
module (USBa)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0
 Single port
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps)
 Self-power mode and bus power mode are selectable
 Supports the OTG (On-The-Go)
 Incorporates 2 Kbytes of RAM as a transfer buffer
Serial communications
interfaces (SCIc, SCId)
 5 channels (SCIc: 4 channels + SCId: 1 channel)
 SCIc
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Simple I2C
Simple SPI
 SCId (The following functions are added to SCIc)
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
Table 1.1
Outline of Specifications (4/7)
Classification
Module/Function
Description


Similar Part No. - PLQP0144KA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0144KA-A RENESAS-PLQP0144KA-A Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
More results

Similar Description - PLQP0144KA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com