Electronic Components Datasheet Search |
|
PLQP0112JA-A Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
PLQP0112JA-A Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 186 page RX63T Group Renesas MCUs R01DS0087EJ0220 Rev.2.20 Page 1 of 186 Mar 31, 2016 Datasheet Features ■ 32-bit RX CPU core Max. operating frequency: 100 MHz Capable of 165 DMIPS in operation at 100 MHz Single precision 32-bit IEEE-754 floating point Two types of multiply-and-accumulation unit (between memories and between registers) 32-bit multiplier (fastest instruction execution takes one CPU clock cycle) Divider (fastest instruction execution takes two CPU clock cycles) Fast interrupt CISC Harvard architecture with 5-stage pipeline Variable-length instructions: Ultra-compact code Supports the memory protection unit (MPU) Two types of debugging interfaces: JTAG and FINE (two-line) ■ Low-power design and architecture Single 3.3-V supply or single 5-V supply; 3.3-V products can be used with a 5-V analog power supply Four low-power modes ■ On-chip main flash memory, no wait states 100-MHz operation, 10-ns read cycle (no wait states) Max. 512 Kbytes User code is programmable by USB, SCI, or JTAG. ■ On-chip data flash memory Max. 32 Kbytes, reprogrammable up to 100,000 times Programming/erasing as background operations (BGOs) ■ On-chip SRAM, no wait states Max. 48 Kbytes For instructions and operands ■ DMA DMA: Incorporates four channels DTC: A single unit can handle transfer on multiple channels. ■ Reset and supply management Power-on reset (POR) Low voltage detection (LVD) with voltage settings ■ Clock functions External crystal oscillator or internal PLL for operation at 4 to 12.5 MHz Internal 125-kHz LOCO Dedicated 125-kHz LOCO for the IWDT ■ Independent watchdog timer 125-kHz LOCO clock operation ■ Useful functions for IEC60730 compliance Oscillation-stop detection, frequency measurement, CRC, IWDT, self-diagnostic function for the A/D converter, etc. ■ External address space 4 CS areas (4 × 1 Mbyte) Multiplexed address data or separate address lines are selectable per area. 8- or 16-bit bus space is selectable per area. ■ Up to 11 communications interfaces USB 2.0 full-speed function interface (1 channel) CAN (compliant with ISO11898-1), incorporating 32 mailboxes (1 channel) SCI with multiple functionalities (5 channels) Choose from among asynchronous mode, clock-synchronous mode, smart-card interface mode, simple SPI, simple I2C, and extended serial mode. I2C bus interface for SMBus (2 channels) RSPI for high-speed transfer (2 channels) ■ Up to twenty 16-bit timers 16-bit MTU3: 100-MHz operation, input capture, output compare, three-phase complementary PWM waveform output (2 channels), phase-counting mode (8 channels); complementary PWM does not burden the CPU. 16-bit GPT: 100-MHz operation, input capture, output compare, 4- channel single-phase complementary PWM waveform output or 1- channel three-phase complementary + 1-channel single-phase complementary output, interlocking with comparator (counter operation, PWM negation control), detection of abnormal oscillation frequencies (useful for IEC60730 compliance) (8 channels); complementary PWM does not burden the CPU. 16-bit CMT (4 channels) ■ Generation of delays in PWM waveforms (for products with the product ID code 1) The timing with which signals on the 16-bit GPT PWM output pin rise and fall can be controlled with an accuracy of up to 312 ps (in operation at 100 MHz). ■ Two A/D converters for 1-MHz operation, total of 8 channels Simultaneous sampling on 7 channels is possible with three units. Self-diagnosis function (useful for IEC60730 compliance) Two 12-bit ADCs: three sample-and-hold circuits, double data registers, amplifier, comparator (8 channels) One 10-bit ADC (12 channels) ■ One A/D converter for 2-MHz operation, total of 20 channels One 10-bit ADC (20 channels) ■ 10-bit D/A converter: 2 channels ■ Digital Power Supply Controller-Dedicated Calculation Function (for products with product ID code 1) 16-bit fixed-point calculation function that handles compensatory calculations in the method of digital control for switched-mode power supplies. ■ Register write protection function can protect values in important registers against overwriting. ■ Up to 110 pins for GPIO Open drain, switchable driving ability ■ Operating temp. range –40C to +85C –40C to +105C PLQP0144KA-A 20 × 20mm, 0.5mm pitch PLQP0120KA-A 16 × 16mm, 0.5mm pitch PLQP0112JA-A 20 × 20mm, 0.65mm pitch PLQP0100KB-A 14 × 14mm, 0.5mm pitch PLQP0064KB-A 10 × 10mm, 0.5mm pitch PLQP0048KB-A 7 × 7mm, 0.5mm pitch 100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS, Two 12-bit ADCs (three S/H circuits, double data registers, amplifier, comparator), one 10-bit ADC, simultaneous sampling on 7 channels using three ADCs, 100 MHz PWM (2 three-phase complementary channels + 4 single-phase complementary channels or 3 three-phase complementary channels + 1 single-phase complementary channel) R01DS0087EJ0220 Rev.2.20 Mar 31, 2016 Features |
Similar Part No. - PLQP0112JA-A |
|
Similar Description - PLQP0112JA-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |