Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259TB24I-2.7 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9259TB24I-2.7
Description  Quad Digitally-Controlled (XDCP) Potentiometers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9259TB24I-2.7 Datasheet(HTML) 3 Page - Xicor Inc.

  X9259TB24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9259TB24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
X9259
Characteristics subject to change without notice.
3 of 25
REV 1.2.3 4/30/02
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Note 1: A0-A3 Device address pins must be tie to a logic level.
Pin
(SOIC/TSSOP)
Pin
(XBGA)
Symbol
Function
2
F2
A0
Device Address for 2-Wire bus. (See Note 1)
3F1
RW3
Wiper Terminal for Potentiometer 3.
4D2
RH3
High Terminal for Potentiometer 3.
5E1
RL3
Low Terminal for Potentiometer 3.
6
E2
NC1
Must be left unconnected
7C1
VCC
System Supply Voltage
8B1
RL0
Low Terminal for Potentiometer 0.
9C2
RH0
High Terminal for Potentiometer 0.
10
A1
RW0
Wiper Terminal for Potentiometer 0.
11
A2
A2
Device Address for 2-Wire bus. (See Note 1)
12
B2
WP
Hardware Write Protect
13
B3
SDA
Serial Data Input/Output for 2-Wire bus.
14
A3
A1
Device Address for 2-Wire bus. (See Note 1)
15
A4
RL1
Low Terminal for Potentiometer 1.
16
C3
RH1
High Terminal for Potentiometer 1.
17
B4
RW1
Wiper Terminal for Potentiometer 1.
18
C4
VSS
System Ground
20
E4
RW2
WiperTerminal for Potentiometer 2.
21
D3
RH2
High Terminal for Potentiometer 2.
22
F4
RL2
Low Terminal for Potentiometer 2.
23
F3
SCL
Serial Clock for 2-Wire bus.
24
E3
A3
Device Address for 2-Wire Bus. (See Note 1)
6, 19
D1, D4
NC
No Connect
1
E2
NC1
Must be left unconnected
NC1
A0
RW3
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
RL2
RH2
RW2
NC
VSS
RW1
RH1
RL1
SOIC/TSSOP
X9259
RH3
14
13
11
12
RL3
RH0
RW0
A2
A1
SDA
WP
2
3
4
A
B
C
D
E
F
Top View–Bumps Down
RW0
RL0
NC
A0
A3
RL1
VCC
RL3
RW3
NC1
SDA
RW1
SCL
RL2
WP
NC
RH0
RH1
RH3
VSS
RW2
A2
A1
1
XBGA
RH2


Similar Part No. - X9259TB24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259TS24 INTERSIL-X9259TS24 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24 INTERSIL-X9259TS24 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259TS24-2.7 INTERSIL-X9259TS24-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24-2.7 INTERSIL-X9259TS24-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259TS24I INTERSIL-X9259TS24I Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
More results

Similar Description - X9259TB24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com