Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5024390200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5024390200
Description  2.00mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 2Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5024390200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5024390200 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5024390200
Status:
Active
Overview:
CLIK-Mate™ Wire-to-Board Connectors
Description:
2.00mm Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock, 2
Circuits
Documents:
3D Model
Application Specification AS-502439-002-001 (PDF)
Drawing (PDF)
Packaging Specification 5024399200-200 (PDF)
Product Specification 5024431570-000 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-502439-001-001 (PDF)
General
Product Family
Crimp Housings
Series
502439
Application
Signal, Wire-to-Board
Comments
See Product Specification for maximum current rating by
circuit size and wire AWG
Overview
CLIK-Mate™ Wire-to-Board Connectors
Product Name
CLIK-Mate™
UPC
822350915700
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
White
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
PBT
Net Weight
279.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3.0A
Material Info
Reference - Drawing Numbers
Application Specification
AS-502439-001-001, AS-502439-002-001
Packaging Specification
5024399200-200
Product Specification
5024431570-000
Sales Drawing
5024391500-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
502439 Series
Mates With
502443 PCB Receptacle Vertical . 502494
PCB Receptacle Right Angle
Use With
502438 Crimp Terminal
This document was generated on 06/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5024390200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5024390200 MOLEX-5024390200 Datasheet
109Kb / 1P
   Clik-Mate 2.0 R-R 2ckt 100mm disc Sn
2022/12/23
5024390200 MOLEX-5024390200 Datasheet
106Kb / 1P
   Clik-Mate 2.0 R-S 2ckt 100mm disc Sn
2022/12/23
More results

Similar Description - 5024390200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5023800200 MOLEX1-5023800200_17 Datasheet
33Kb / 1P
   1.25mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 2Circuits
502439-1500 MOLEX11-502439-1500 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 15
5024390600 MOLEX1-5024390600_17 Datasheet
34Kb / 2P
   2.00mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 6Circuits
502439-0600 MOLEX11-502439-0600 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 6
502439-0500 MOLEX11-502439-0500 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 5
502439-1200 MOLEX11-502439-1200 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 12
502439-1300 MOLEX11-502439-1300 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 13
502439-0400 MOLEX11-502439-0400 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 4
502439-1400 MOLEX11-502439-1400 Datasheet
40Kb / 1P
   2.00mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 14
5024390500 MOLEX1-5024390500_17 Datasheet
34Kb / 1P
   2.00mm Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 5Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com