Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX110 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 33Page - Renesas Technology Corp RX110_16 Datasheet HTML 34Page - Renesas Technology Corp RX110_16 Datasheet HTML 35Page - Renesas Technology Corp RX110_16 Datasheet HTML 36Page - Renesas Technology Corp RX110_16 Datasheet HTML 37Page - Renesas Technology Corp RX110_16 Datasheet HTML 38Page - Renesas Technology Corp RX110_16 Datasheet HTML 39Page - Renesas Technology Corp RX110_16 Datasheet HTML 40Page - Renesas Technology Corp RX110_16 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 37 of 108
Jul 29, 2016
RX110 Group
4. I/O Registers
0008 830Ah
RIIC0
Timeout Internal Counter L
TMOCNTL
8
8
2 or 3 PCLKB
0008 830Bh
RIIC0
Slave Address Register U0
SARU0
8
8
2 or 3 PCLKB
0008 830Bh
RIIC0
Timeout Internal Counter U
TMOCNTU
8
8 *1
2 or 3 PCLKB
0008 830Ch
RIIC0
Slave Address Register L1
SARL1
8
8
2 or 3 PCLKB
0008 830Dh
RIIC0
Slave Address Register U1
SARU1
8
8
2 or 3 PCLKB
0008 830Eh
RIIC0
Slave Address Register L2
SARL2
8
8
2 or 3 PCLKB
0008 830Fh
RIIC0
Slave Address Register U2
SARU2
8
8
2 or 3 PCLKB
0008 8310h
RIIC0
I2C Bus Bit Rate Low-Level Register
ICBRL
8
8
2 or 3 PCLKB
0008 8311h
RIIC0
I2C Bus Bit Rate High-Level Register
ICBRH
8
8
2 or 3 PCLKB
0008 8312h
RIIC0
I2C Bus Transmit Data Register
ICDRT
8
8
2 or 3 PCLKB
0008 8313h
RIIC0
I2C Bus Receive Data Register
ICDRR
8
8
2 or 3 PCLKB
0008 8380h
RSPI0
RSPI Control Register
SPCR
8
8
2 or 3 PCLKB
0008 8381h
RSPI0
RSPI Slave Select Polarity Register
SSLP
8
8
2 or 3 PCLKB
0008 8382h
RSPI0
RSPI Pin Control Register
SPPCR
8
8
2 or 3 PCLKB
0008 8383h
RSPI0
RSPI Status Register
SPSR
8
8
2 or 3 PCLKB
0008 8384h
RSPI0
RSPI Data Register
SPDR
32
16, 32
2 or 3 PCLKB/2ICLK
0008 8388h
RSPI0
RSPI Sequence Control Register
SPSCR
8
8
2 or 3 PCLKB
0008 8389h
RSPI0
RSPI Sequence Status Register
SPSSR
8
8
2 or 3 PCLKB
0008 838Ah
RSPI0
RSPI Bit Rate Register
SPBR
8
8
2 or 3 PCLKB
0008 838Bh
RSPI0
RSPI Data Control Register
SPDCR
8
8
2 or 3 PCLKB
0008 838Ch
RSPI0
RSPI Clock Delay Register
SPCKD
8
8
2 or 3 PCLKB
0008 838Dh
RSPI0
RSPI Slave Select Negation Delay Register
SSLND
8
8
2 or 3 PCLKB
0008 838Eh
RSPI0
RSPI Next-Access Delay Register
SPND
8
8
2 or 3 PCLKB
0008 838Fh
RSPI0
RSPI Control Register 2
SPCR2
8
8
2 or 3 PCLKB
0008 8390h
RSPI0
RSPI Command Register 0
SPCMD0
16
16
2 or 3 PCLKB
0008 8392h
RSPI0
RSPI Command Register 1
SPCMD1
16
16
2 or 3 PCLKB
0008 8394h
RSPI0
RSPI Command Register 2
SPCMD2
16
16
2 or 3 PCLKB
0008 8396h
RSPI0
RSPI Command Register 3
SPCMD3
16
16
2 or 3 PCLKB
0008 8398h
RSPI0
RSPI Command Register 4
SPCMD4
16
16
2 or 3 PCLKB
0008 839Ah
RSPI0
RSPI Command Register 5
SPCMD5
16
16
2 or 3 PCLKB
0008 839Ch
RSPI0
RSPI Command Register 6
SPCMD6
16
16
2 or 3 PCLKB
0008 839Eh
RSPI0
RSPI Command Register 7
SPCMD7
16
16
2 or 3 PCLKB
0008 8680h
MTU
Timer Start Register
TSTR
8
8, 16
2 or 3 PCLKB
0008 8681h
MTU
Timer Synchronous Register
TSYR
8
8, 16
2 or 3 PCLKB
0008 8690h
MTU0
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8691h
MTU1
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8692h
MTU2
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8695h
MTU5
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8700h
MTU0
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8701h
MTU0
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8702h
MTU0
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
0008 8703h
MTU0
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
0008 8704h
MTU0
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8705h
MTU0
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8706h
MTU0
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8708h
MTU0
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 870Ah
MTU0
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 870Ch
MTU0
Timer General Register C
TGRC
16
16
2 or 3 PCLKB
0008 870Eh
MTU0
Timer General Register D
TGRD
16
16
2 or 3 PCLKB
0008 8720h
MTU0
Timer General Register E
TGRE
16
16
2 or 3 PCLKB
0008 8722h
MTU0
Timer General Register F
TGRF
16
16
2 or 3 PCLKB
0008 8724h
MTU0
Timer Interrupt Enable Register 2
TIER2
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (6/13)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States


Similar Part No. - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

Similar Description - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com