Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX111 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 84Page - Renesas Technology Corp RX111_16 Datasheet HTML 85Page - Renesas Technology Corp RX111_16 Datasheet HTML 86Page - Renesas Technology Corp RX111_16 Datasheet HTML 87Page - Renesas Technology Corp RX111_16 Datasheet HTML 88Page - Renesas Technology Corp RX111_16 Datasheet HTML 89Page - Renesas Technology Corp RX111_16 Datasheet HTML 90Page - Renesas Technology Corp RX111_16 Datasheet HTML 91Page - Renesas Technology Corp RX111_16 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 88 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note 1. tPcyc: PCLK cycle
Table 5.34
Timing of On-Chip Peripheral Modules (3)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C, C = 30 pF
Item
Symbol
Min.
Max.
Unit*1
Test Conditions
Simple
SPI
SCK clock cycle output (master)
tSPcyc
4
65536
tPcyc
Figure 5.46
SCK clock cycle input (slave)
6
65536
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKr, tSPCKf
—20
ns
Data input setup time (master)
2.7 V or above
tSU
65
ns
Figure 5.47,
Figure 5.49
1.8 V or above
95
Data input setup time (slave)
40
Data input hold time
tH
40
ns
SS input setup time
tLEAD
3—
tPcyc
SS input hold time
tLAG
3—
tPcyc
Data output delay time (master)
tOD
—40
ns
Data output delay time (slave)
2.7 V or above
65
1.8 V or above
85
Data output hold time (master)
2.7 V or above
tOH
–10
ns
1.8 V or above
–20
Data output hold time (slave)
–10
Data rise/fall time
tDr, tDf
—20
ns
SS input rise/fall time
tSSLr, tSSLf
—20
ns
Slave access time
tSA
—6
tPcyc
Figure 5.51,
Figure 5.52
Slave output release time
tREL
—6
tPcyc


Similar Part No. - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Similar Description - RX111_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com