Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F51113AGNF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F51113AGNF
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51113AGNF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F51113AGNF Datasheet HTML 2Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 3Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 4Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 5Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 6Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 7Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 8Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 9Page - Renesas Technology Corp R5F51113AGNF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 6 of 127
May 31, 2016
RX111 Group
1. Overview
1.2
List of Products
Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no., memory capacity, and package
type.
Table 1.3
List of Products (1/2)
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Maximum
Operating
Frequency
Operating
Temperature
RX111
R5F51118AGFM
R5F51118AGFM#3A
PLQP0064KB-A
512 Kbytes
64 Kbytes
8 Kbytes
32 MHz
40 to +105°C
R5F51118AGFK
R5F51118AGFK#3A
PLQP0064GA-A
R5F51118AGFL
R5F51118AGFL#3A
PLQP0048KB-A
R5F51118AGNE
R5F51118AGNE#UA
PWQN0048KB-A
R5F51117AGFM
R5F51117AGFM#3A
PLQP0064KB-A
384 Kbytes
R5F51117AGFK
R5F51117AGFK#3A
PLQP0064GA-A
R5F51117AGFL
R5F51117AGFL#3A
PLQP0048KB-A
R5F51117AGNE
R5F51117AGNE#UA
PWQN0048KB-A
R5F51116AGFM
R5F51116AGFM#3A
PLQP0064KB-A
256 Kbytes
32 Kbytes
R5F51116AGFK
R5F51116AGFK#3A
PLQP0064GA-A
R5F51116AGFL
R5F51116AGFL#3A
PLQP0048KB-A
R5F51116AGNE
R5F51116AGNE#UA
PWQN0048KB-A
R5F51115AGFM
R5F51115AGFM#3A
PLQP0064KB-A
128 Kbytes
16 Kbytes
R5F51115AGFK
R5F51115AGFK#3A
PLQP0064GA-A
R5F51115AGFL
R5F51115AGFL#3A
PLQP0048KB-A
R5F51115AGNE
R5F51115AGNE#UA
PWQN0048KB-A
R5F51114AGFM
R5F51114AGFM#3A
PLQP0064KB-A
96 Kbytes
R5F51114AGFK
R5F51114AGFK#3A
PLQP0064GA-A
R5F51114AGFL
R5F51114AGFL#3A
PLQP0048KB-A
R5F51114AGNE
R5F51114AGNE#UA
PWQN0048KB-A
R5F51113AGFM
R5F51113AGFM#3A
PLQP0064KB-A
64 Kbytes
10 Kbytes
R5F51113AGFK
R5F51113AGFK#3A
PLQP0064GA-A
R5F51113AGFL
R5F51113AGFL#3A
PLQP0048KB-A
R5F51113AGNE
R5F51113AGNE#UA
PWQN0048KB-A
R5F51113AGNF
R5F51113AGNF#UA
PWQN0040KC-A
R5F51111AGFM
R5F51111AGFM#3A
PLQP0064KB-A
32 Kbytes
R5F51111AGFK
R5F51111AGFK#3A
PLQP0064GA-A
R5F51111AGFL
R5F51111AGFL#3A
PLQP0048KB-A
R5F51111AGNE
R5F51111AGNE#UA
PWQN0048KB-A
R5F51111AGNF
R5F51111AGNF#UA
PWQN0040KC-A
R5F5111JAGFM
R5F5111JAGFM#3A
PLQP0064KB-A
16 Kbytes
8 Kbytes
R5F5111JAGFK
R5F5111JAGFK#3A
PLQP0064GA-A
R5F5111JAGFL
R5F5111JAGFL#3A
PLQP0048KB-A
R5F5111JAGNE
R5F5111JAGNE#UA
PWQN0048KB-A
R5F5111JAGNF
R5F5111JAGNF#UA
PWQN0040KC-A


Similar Part No. - R5F51113AGNF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51113AGNF RENESAS-R5F51113AGNF Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51113AGNF RENESAS-R5F51113AGNF Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51113AGNF RENESAS-R5F51113AGNF Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51113AGNFUA RENESAS-R5F51113AGNFUA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51113AGNFV0 RENESAS-R5F51113AGNFV0 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
More results

Similar Description - R5F51113AGNF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com