Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F51111AGNE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F51111AGNE
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51111AGNE Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F51111AGNE Datasheet HTML 1Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 2Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 3Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 4Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 5Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 6Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 7Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 8Page - Renesas Technology Corp R5F51111AGNE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 4 of 127
May 31, 2016
RX111 Group
1. Overview
Communication
function
USB 2.0 host/function
module (USBc)
 USB Device Controller (UDC) and transceiver for USB 2.0 are incorporated.
 Host (32-Kbyte or more ROM)/function module: 1 port
 Compliant with USB version 2.0
 Transfer speed: Full-speed (12 Mbps), low-speed (1.5 Mbps)
 OTG (On-The-Go) is supported.
 Isochronous transfer is supported.
 BC (Battery Charger) is supported.
12-bit A/D converter (S12ADb)
 1 unit (1 unit × 14 channels)
 12-bit resolution
 Minimum conversion time: 1.0 µs per channel when the ADCLK is operating at 32 MHz
 Operating modes
Scan mode (single scan mode, continuous scan mode, and group scan mode)
 Double trigger mode (duplication of A/D conversion data)
 A/D conversion start conditions
A software trigger, a trigger from a timer (MTU), an external trigger signal, or ELC
Temperature sensor (TEMPSA)
 1 channel
 The voltage of the temperature is converted into a digital value by the 12-bit A/D converter.
D/A converter (DA)
 2 channels
 8-bit resolution
 Output voltage: 0 V to VCC
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
 Generation of CRC codes for use with LSB first or MSB first communications is selectable.
Data operation circuit (DOC)
Comparison, addition, and subtraction of 16-bit data
Unique ID
32-byte ID code for the MCU
Power supply voltages/Operating frequencies
VCC = 1.8 to 2.4 V: 8 MHz, VCC = 2.4 to 2.7 V: 16 MHz, VCC = 2.7 to 3.6 V: 32 MHz
Supply current
3.2 mA at 32 MHz (typ.)
Operating temperature range
D version:
40 to +85°C, G version: 40 to +105°C
Packages
64-pin LFQFP (PLQP0064KB-A) 10 × 10 mm, 0.5 mm pitch
64-pin LQFP (PLQP0064GA-A) 14 × 14 mm, 0.8 mm pitch
64-pin WFLGA (PWLG0064KA-A) 5 × 5 mm, 0.5 mm pitch
48-pin LFQFP (PLQP0048KB-A) 7 × 7 mm, 0.5 mm pitch
48-pin HWQFN (PWQN0048KB-A) 7 × 7 mm, 0.5 mm pitch
40-pin HWQFN (PWQN0040KC-A) 6 × 6 mm, 0.50 mm pitch
36-pin WFLGA (PWLG0036KA-A) 4 × 4 mm, 0.5 mm pitch
On-chip debugging system
E1 emulator (FINE interface)
Table 1.1
Outline of Specifications (3/3)
Classification
Module/Function
Description


Similar Part No. - R5F51111AGNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51111AGNE RENESAS-R5F51111AGNE Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51111AGNE RENESAS-R5F51111AGNE Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51111AGNE RENESAS-R5F51111AGNE Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51111AGNEUA RENESAS-R5F51111AGNEUA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51111AGNEV0 RENESAS-R5F51111AGNEV0 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
More results

Similar Description - R5F51111AGNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com