Electronic Components Datasheet Search |
|
R5F51103ADLF Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
R5F51103ADLF Datasheet(HTML) 10 Page - Renesas Technology Corp |
10 / 108 page R01DS0202EJ0120 Rev.1.20 Page 10 of 108 Jul 29, 2016 RX110 Group 1. Overview 1.4 Pin Functions Table 1.4 lists the pin functions. Table 1.4 Pin Functions (1/3) Classifications Pin Name I/O Description Power supply VCC Input Power supply pin. Connect it to the system power supply. VCL — Connect this pin to the VSS pin via the 4.7 μF smoothing capacitor used to stabilize the internal power supply. Place the capacitor close to the pin. VSS Input Ground pin. Connect it to the system power supply (0 V). Analog power supply AVCC0 Input Analog voltage supply pin for the 12-bit A/D converter. Connect this pin to VCC when not using the 12-bit A/D converter. AVSS0 Input Analog ground pin for the 12-bit A/D converter. Connect this pin to VSS when not using the 12-bit A/D converter. VREFH0 Input Analog reference voltage supply pin for the 12-bit A/D converter. Connect this pin to VCC when not using the 12-bit A/D converter. VREFL0 Input Analog reference ground pin for the 12-bit A/D converter. Connect this pin to VSS when not using the 12-bit A/D converter. Clock XTAL Output/ Input *1 Pins for connecting a crystal resonator. An external clock can be input through the XTAL pin. EXTAL Input XCIN Input Input/output pins for the sub-clock oscillator. Connect a crystal resonator between XCIN and XCOUT. XCOUT Output CLKOUT Output Clock output pin. Operating mode control MD Input Pin for setting the operating mode. The signal levels on this pin must not be changed during operation. System control RES# Input Reset pin. This LSI enters the reset state when this signal goes low. CAC CACREF Input Input pin for the clock frequency accuracy measurement circuit. On-chip emulator FINED I/O FINE interface pin. LVD CMPA2 Input Detection target voltage pin for voltage detection 2. Interrupts NMI Input Non-maskable interrupt request pin. IRQ0 to IRQ7 Input Interrupt request pins. Multi-function timer pulse unit 2 MTIOC0A, MTIOC0B MTIOC0C, MTIOC0D I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins. MTIOC1A, MTIOC1B I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins. MTIOC2A, MTIOC2B I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins. MTIC5U, MTIC5V, MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/external pulse input pins. MTCLKA, MTCLKB, MTCLKC, MTCLKD Input Input pins for the external clock. Realtime clock RTCOUT Output Output pin for the 1-Hz/64-Hz clock. Serial communications interface (SCIe) Asynchronous mode/clock synchronous mode SCK1, SCK5 I/O Input/output pins for the clock. RXD1, RXD5 Input Input pins for receiving data. TXD1, TXD5 Output Output pins for transmitting data. CTS1#, CTS5# Input Input pins for controlling the start of transmission and reception. RTS1#, RTS5# Output Output pins for controlling the start of transmission and reception. |
Similar Part No. - R5F51103ADLF |
|
Similar Description - R5F51103ADLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |