Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4729A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N4729A
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4729A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N4729A Datasheet HTML 1Page - Fairchild Semiconductor 1N4729A Datasheet HTML 2Page - Fairchild Semiconductor 1N4729A Datasheet HTML 3Page - Fairchild Semiconductor 1N4729A Datasheet HTML 4Page - Fairchild Semiconductor 1N4729A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
1N4728A - 1N4764A Rev. G2
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage Current
Min.
Typ.
Max.
ZZ @ IZ
(
Ω)
ZZK @
IZK (Ω)
IZK
(mA)
IR
(
µA)
VR
(V)
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
20.9
22.8
25.65
28.5
31.35
22
24
27
30
33
23.1
25.2
28.35
31.5
34.65
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
16.7
18.2
20.6
22.8
25.1
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
34.2
37.05
40.85
44.65
48.45
36
39
43
47
51
37.8
40.95
45.15
49.35
53.55
7
6.5
6
5.5
5
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
27.4
29.7
32.7
35.8
38.8
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
53.2
58.9
64.6
71.25
77.9
56
62
68
75
82
58.8
65.1
71.4
78.75
86.1
4.5
4
3.7
3.3
3
110
125
150
175
200
2000
2000
2000
2000
3000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
42.6
47.1
51.7
56
62.2
1N4763A
1N4764A
86.45
95
91
100
95.55
105
2.8
2.5
250
350
3000
3000
0.25
0.25
5
5
69.2
76


Similar Part No. - 1N4729A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4729A PHILIPS-1N4729A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4729A VISHAY-1N4729A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4729A SEMTECH_ELEC-1N4729A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Continental Device Indi...
1N4729A CDIL-1N4729A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Sangdest Microelectroni...
1N4729A SMC-1N4729A Datasheet
170Kb / 5P
   ZENER DIODES
More results

Similar Description - 1N4729A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com