Electronic Components Datasheet Search |
|
C0805X393BCGACAUTO Datasheet(PDF) 9 Page - Kemet Corporation |
|
C0805X393BCGACAUTO Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 21 page 9 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1081_C0G_HV_FT_AUTO_SMD • 2/29/2016 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 3,000 VDC (Automotive Grade) Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont’d *Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (configuration and dimensions). These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. Cap Cap Code Case Size/Series C1812X C1825X C2220X C2225X Voltage Code C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H Rated Voltage (VDC) Capacitance Tolerance Product Availability and Chip Thickness Codes See Table 2 for Chip Thickness Dimensions 1,200 pF 122 F G J K M GH GK GK GH GO HJ HJ HJ HJ HJ HJ JE JK JK JK JK JL KE KE KE KF KF KF 1,300 pF 132 F G J K M GH GK GK GH GO HE HE HE HE HE HJ JE JK JK JK JE JL KE KE KE KF KF KH 1,500 pF 152 F G J K M GK GK GK GK GO HE HE HE HE HE HK JE JK JK JK JE JL KE KE KE KF KF KH 1,600 pF 162 F G J K M GK GK GK GK HG HG HG HG HG HK JE JK JK JK JE JL KE KE KE KF KE KH 1,800 pF 182 F G J K M GK GK GK GM HG HG HG HG HG JE JK JK JK JE JN KE KE KE KF KE KH 2,000 pF 202 F G J K M GK GK GK GM HE HE HE HE HJ JE JK JK JE JK KE KE KE KF KE KJ 2,200 pF 222 F G J K M GK GK GK GO HE HE HE HE HJ JE JK JK JE JK KE KE KE KF KF KJ 2,400 pF 242 F G J K M GK GH GK GO HE HE HE HE HJ JK JK JK JE JL KE KE KE KE KH 2,700 pF 272 F G J K M GK GH GK GO HE HE HE HE HK JK JK JK JE JL KE KE KE KE KH 3,000 pF 302 F G J K M GK GH GK HE HE HE HE HK JK JK JK JE JL KE KE KE KE KH 3,300 pF 332 F G J K M GK GH GK HG HG HG HG JK JK JK JK JN KE KE KE KE KJ 3,600 pF 362 F G J K M GK GH GM HG HG HG HG JK JK JK JK JN KE KF KF KF KJ 3,900 pF 392 F G J K M GK GH GM HJ HJ HJ HJ JK JK JK JK JN KE KF KF KF KJ 4,300 pF 432 F G J K M GH GH GO HJ HJ HJ HJ JK JK JK JK KE KF KF KF 4,700 pF 472 F G J K M GH GH GO HJ HJ HJ HJ JK JK JK JL KE KF KF KH 5,100 pF 512 F G J K M GH GK GO HE HE HG HK JK JK JK JL KE KF KF KH 5,600 pF 562 F G J K M GH GK GO HE HE HG HK JK JK JK JN KE KF KF KH 6,200 pF 622 F G J K M GH GK HE HE HG JK JE JE JN KE KF KF KJ 6,800 pF 682 F G J K M GH GM HE HE HJ JK JE JK JN KE KF KF KJ 7,500 pF 752 F G J K M GH GM HE HE HJ JK JE JK KF KE KF 8,200 pF 822 F G J K M GK GO HE HE HJ JK JE JL KF KE KF 9,100 pF 912 F G J K M GM GO HE HG HK JE JE JL KF KE KH 10,000 pF 103 F G J K M GM GO HE HG HK JE JE JL KF KE KH 12,000 pF 123 F G J K M GO HE HG JE JK JN KE KE KH 15,000 pF 153 F G J K M GO HE HJ JE JL KE KF KJ 18,000 pF 183 F G J K M HG HK JE JL KE KH 22,000 pF 223 F G J K M HJ JK JN KF KJ 27,000 pF 273 F G J K M HJ JL JN KF KJ 33,000 pF 333 F G J K M HK JN KH 39,000 pF 393 F G J K M KJ Cap Cap Code Rated Voltage (VDC) Voltage Code C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H Case Size/Series C1812X C1825X C2220X C2225X |
Similar Part No. - C0805X393BCGACAUTO |
|
Similar Description - C0805X393BCGACAUTO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |