Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX634 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # RX634
Description  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 58Page - Renesas Technology Corp RX634 Datasheet HTML 59Page - Renesas Technology Corp RX634 Datasheet HTML 60Page - Renesas Technology Corp RX634 Datasheet HTML 61Page - Renesas Technology Corp RX634 Datasheet HTML 62Page - Renesas Technology Corp RX634 Datasheet HTML 63Page - Renesas Technology Corp RX634 Datasheet HTML 64Page - Renesas Technology Corp RX634 Datasheet HTML 65Page - Renesas Technology Corp RX634 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 62 of 106
Feb 25, 2015
RX634 Group
5. Electrical Characteristics
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. This does not include BGO operation.
Note 3. Clocks are supplied to the peripheral functions. This does not include BGO operation.
Note 4. This is the increase if data is programmed to or erasing from the ROM or E2 DataFlash during program execution.
Table 5.3
DC Characteristics (2)
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5 V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Symbol
Min.
Typ.
Max.
Test Conditions
Input leakage current
RES#, MD input pin, P35/NMI,
EXTAL, port 4
I
in
——
1.0
μAV
in = 0 V, VCC
Three-state leakage
current (off-state)
Ports 12, 13, 16, 17, 20, 21, C0, C1
I
TSI
——
5.0
μAV
in = 0 V, VCC
Except for ports 12, 13, 16, 17, 20, 21,
C0, C1
——
1.0
Port L5
1.8
VCC = 0 V, Vin = 3.9 V
Input capacitance
All input pins
(except for ports 12, 13, 16, 17, 20,
21, C0, C1)
Cin
——
15
pF
Vin = 0 V,
f = 1 MHz,
Ta = 25°C
Ports 12, 13, 16, 17, 20, 21, C0, C1
30
Table 5.4
DC Characteristics (3)
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5 V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Symbol
VCC
Unit
Test Conditions
2.7 to 3.6V
4.0 to 5.5V
Min.
Max.
Min.
Max.
Input pull-up MOS
current
All ports
(except for ports 03, 05, ports 35 to
P37, port 4, port L5)
Ip
–200
–10
–400
–50
μAV
in = 0 V
Table 5.5
DC Characteristics (4)
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Supply
current*1
High-speed
operating
mode
Normal
operating mode
No peripheral
operation*2
ICLK = 54 MHz
ICC
20
mA
ICLK = 54 MHz
PCLKB = 27 MHz
PCLKD = 54 MHz
FCLK = 27 MHz
BCLK = 54 MHz
All peripheral
operation:
Normal*3
ICLK = 54 MHz
24
All peripheral
operation: Max.*3
ICLK = 54 MHz
55
Sleep mode
No peripheral
operation
ICLK = 54 MHz
15.5
All peripheral
operation:
Normal
ICLK = 54 MHz
19.5
All-module clock stop mode
14
Increase during BGO operation*4
12


Similar Part No. - RX634

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

Similar Description - RX634

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com