Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX634 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # RX634
Description  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 79Page - Renesas Technology Corp RX634 Datasheet HTML 80Page - Renesas Technology Corp RX634 Datasheet HTML 81Page - Renesas Technology Corp RX634 Datasheet HTML 82Page - Renesas Technology Corp RX634 Datasheet HTML 83Page - Renesas Technology Corp RX634 Datasheet HTML 84Page - Renesas Technology Corp RX634 Datasheet HTML 85Page - Renesas Technology Corp RX634 Datasheet HTML 86Page - Renesas Technology Corp RX634 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 83 of 106
Feb 25, 2015
RX634 Group
5. Electrical Characteristics
Note:
tIICcyc: RIIC internal reference count clock (IICφ) cycle
Note 1. The value in parentheses is used when the ICMR3.NF[1:0] bits are set to 11b while a digital filter is enabled with the ICFER.NFE
bits = 1.
Note 2. Cb indicates the total capacity of the bus line.
Table 5.27
Timing of On-Chip Peripheral Modules (4)
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5 V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Symbol
Min.(*1, *2)
Max.
Unit
Test
Conditions
RIIC
(Standard-mode)
SCL input cycle time
tSCL
6 (12) × tIICcyc + 1300
ns
Figure 5.35
SCL input high pulse width
tSCLH
3 (6) × tIICcyc + 300
ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc + 300
ns
SCL, SDA input rise time
tSr
1000
ns
SCL, SDA input fall time
tSf
300
ns
SCL, SDA input spike pulse removal time
tSP
01 (4) × tIICcyc
ns
SDA input bus free time
tBUF
3 (6) × tIICcyc + 300
ns
Start condition input hold time
tSTAH
tIICcyc + 300
ns
Restart condition input setup time
tSTAS
1000
ns
Stop condition input setup time
tSTOS
1000
ns
Data input setup time
tSDAS
tIICcyc + 50
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
400
pF
RIIC
(Fast-mode)
SCL input cycle time
tSCL
6 (12) × tIICcyc + 600
ns
SCL input high pulse width
tSCLH
3 (6) × tIICcyc + 300
ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc + 300
ns
SCL, SDA input rise time
tSr
20 + 0.1Cb
300
ns
SCL, SDA input fall time
tSf
20 + 0.1Cb
300
ns
SCL, SDA input spike pulse removal time
tSP
01 (4) × tIICcyc
ns
SDA input bus free time
tBUF
3 (6) × tIICcyc + 300
ns
Start condition input hold time
tSTAH
tIICcyc + 300
ns
Restart condition input setup time
tSTAS
300
ns
Stop condition input setup time
tSTOS
300
ns
Data input setup time
tSDAS
tIICcyc + 50
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
400
pF


Similar Part No. - RX634

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

Similar Description - RX634

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com