Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 59Page - Renesas Technology Corp S7G2 Datasheet HTML 60Page - Renesas Technology Corp S7G2 Datasheet HTML 61Page - Renesas Technology Corp S7G2 Datasheet HTML 62Page - Renesas Technology Corp S7G2 Datasheet HTML 63Page - Renesas Technology Corp S7G2 Datasheet HTML 64Page - Renesas Technology Corp S7G2 Datasheet HTML 65Page - Renesas Technology Corp S7G2 Datasheet HTML 66Page - Renesas Technology Corp S7G2 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 63 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Note 1. tPcyc: PCLKB cycle, tPDcyc: PCLKD cycle.
Note 2. This skew applies when the same driver I/O is used. If the I/O of the middle and high drivers is mixed, operation
is not guaranteed.
Note 3. The load is 30 pF.
Note 4. Constraints on AGTIO input: tPcyc × 2 (tPcyc: PCLKB cycle) < tACYC.
Figure 2.26
I/O ports input timing
Figure 2.27
POEG input trigger timing
GPT32
Input capture pulse width
Single edge
tGTICW
1.5
-
tPDcyc
Figure 2.28
Dual edge
2.5
-
GTIOCxY_Z output skew
(x = 0 to 7, Y= A or B , Z = A or B)
Middle drive buffer
tGTISK*2 -4
ns
Figure 2.29
High drive buffer
-
4
GTIOCxY_Z output skew
(x = 8 to 13, Y = A or B, Z = A or B)
Middle drive buffer
-
4
High drive buffer
-
4
GTIOCxY_Z output skew
(x = 0 to 13, Y = A or B, Z = A or B)
Middle drive buffer
-
6
High drive buffer
-
6
OPS output skew
GTOUUP_x, GTOULO_x, GTOVUP_x,
GTOVLO_x, GTOWUP_x, GTOWLO_x
(x = A or B)
tGTOSK
*2
-5
ns
Figure 2.30
GPT(PWM
Delay
Generation
Circuit)
GTIOCxY_Z output skew
(x = 0 to 3, Y = A or B, Z = A)
tHRSK*3 -2.0
ns
Figure 2.31
AGT
AGTIO, AGTEE input cycle
tACYC*1 100
-
ns
Figure 2.32
AGTIO, AGTEE input high width, low width
tACKWH,
tACKWL
40
-
ns
AGTIO, AGTO, AGTOA, AGTOB output cycle
tACYC2
62.5
-
ns
ADC12
ADC12 trigger input pulse width
tTRGW
1.5
-
tPcyc
Figure 2.33
KINT
Key interrupt input low width
tKR
250
-
ns
Figure 2.34
Table 2.19
I/O ports, POEG, GPT32, AGT, KINT, and ADC12 trigger timing (2/2)
GPT32 Conditions:
Middle drive output is selected in the port drive capability bit in the PmnPFS register for the following pins: GTIOC6A_A, GTIOC6B_A,
GTIOC3A_B, GTIOC3B_B, GTIOC0A_B, GTIOC0B_B, GTIOC9A_B, GTIOC9B_B.
High drive output is selected in the port drive capability bit in the PmnPFS register for all other pins.
AGT Conditions:
Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol Min
Max
Unit
Test
conditions
Port
tPRW
POEG input trigger
tPOEW


Similar Description - S7G2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com