Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 82Page - Renesas Technology Corp S7G2 Datasheet HTML 83Page - Renesas Technology Corp S7G2 Datasheet HTML 84Page - Renesas Technology Corp S7G2 Datasheet HTML 85Page - Renesas Technology Corp S7G2 Datasheet HTML 86Page - Renesas Technology Corp S7G2 Datasheet HTML 87Page - Renesas Technology Corp S7G2 Datasheet HTML 88Page - Renesas Technology Corp S7G2 Datasheet HTML 89Page - Renesas Technology Corp S7G2 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 86 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.70
PDC AC timing
2.3.18
Graphics LCD Controller Timing
Note 1. Parallel RGB888, 666,565: Maximum 54 MHz
Serial RGB888: Maximum 60 MHz (4x speed)
Note 2. Use pins that have a letter appended to their names, for instance, “_A” or “_B”, to indicate
Note 3. Pins of group“_A” and “_B” combinations are used.
Figure 2.71
LCD_EXTCLK clock input timing
Table 2.33
Graphics LCD Controller timing
Conditions:
LCD_CLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
LCD_DATA: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol
Min
Typ
Max
Unit
Test conditions
LCD_EXTCLK input clock frequency
tEcyc
-
-
60*1
MHz
Figure 2.71
LCD_EXTCLK input clock low pulse width
tWL
0.45
-
0.55
tEcyc
LCD_EXTCLK input clock high pulse width
tWH
0.45
-
0.55
LCD_CLK output clock frequency
tLcyc
-
-
60*1
MHz
Figure 2.72
LCD_CLK output clock low pulse width
tLOL
0.4
-
0.6
tLcyc
Figure 2.72
LCD_CLK output clock high pulse width
tLOH
0.4
-
0.6
tLcyc
Figure 2.72
LCD data output delay timing _A or _B combinations*2
tDD
–3.5
-
4
ns
Figure 2.73
_A and _B combinations*3
–5.0
-
5.5
LCD data output rise time (0.8 to 2.0 V)
tDr
--
2
Figure 2.74
LCD data output fall time (2.0 to 0.8 V)
tDf
--
2
PIXCLK
VSYNC
HSYNC
PIXD7 to PIXD0
tSYNCS
tSYNCS
tPIXDS
tPIXDH
tSYNCH
tSYNCH
1/2 Vcc
VIH VIH
VIL
VIL
tDcyc, tEcyc
tWH
tWL
LCD_EXTCLK


Similar Description - S7G2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com