Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD48288209AF1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD48288209AF1
Description  288M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288209AF1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD48288209AF1 Datasheet HTML 2Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 3Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 4Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 5Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 6Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 7Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 8Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 9Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
µµµµPD48288209AF1, µµµµPD48288218AF1, µµµµPD48288236AF1
R10DS0254EJ0101 Rev. 1.01
Page 6 of 53
Jan. 15, 2016
Pin Description
(1/2)
Symbol
Type
Description
CK, CK#
Input
Clock inputs:
CK and CK# are differential clock inputs. This input clock pair registers address and control inputs
on the rising edge of CK. CK# is ideally 180 degrees out of phase with CK.
CS#
Input
Chip select
CS# enables the commands when CS# is LOW and disables them when CS# is HIGH. When the
command is disabled, new commands are ignored, but internal operations continue.
WE#, REF#
Input
WRITE command pin, Refresh command pin:
WE#, REF# are sampled at the positive edge of CK, WE#, and REF# define (together with CS#) the
command to be executed.
A0–A20
Input
Address inputs:
A0–A20 define the row and column addresses for READ and WRITE operations. During a MODE
REGISTER SET, the address inputs define the register settings. They are sampled at the rising
edge of CK.
In the x36 configuration, A19–A20 are reserved for address expansion; in the x18 configuration, A20
is reserved for address expansion. These expansion addresses can be treated as address inputs,
but they do not affect the operation of the device.
A21–A22
Input
Reserved for future use:
These signals should be tied to VSS or leave open.
BA0–BA2
Input
Bank address inputs;
Select to which internal bank a command is being applied.
DQ0–DQxx
Input
/Output
Data input/output:
The DQ signals form the 9/18/36 bit data bus. During READ commands, the data is referenced to
both edges of QKx. During WRITE commands, the data is sampled at both edges of DKx.
x 9 device uses DQ0 to DQ8.
x18 device uses DQ0 to DQ17.
x36 device uses DQ0 to DQ35.
QKx, QKx#
Output
Output data clocks:
QKx and QKx# are opposite polarity, output data clocks. They are always free running and edge-
aligned with data output from the
µPD48288209/18/36AF1. QKx# is ideally 180 degrees out of
phase with QKx.
For the x36 device, QK0 and QK0# are aligned with DQ0–DQ17. QK1 and QK1# are aligned with
DQ18–DQ35. For the x18 device, QK0 and QK0# are aligned with DQ0–DQ8. QK1 and QK1# are
aligned with DQ9–DQ17. For the x9 device, QK0 and QK0# are aligned with DQ0–DQ8.
DKx, DKx#
Input
Input data clock;
DKx and DKx# are the differential input data clocks. All input data is referenced to both edges of DK.
DK# is ideally 180 degrees out of phase with DK.
For the x36 device, DQ0–DQ17 are referenced to DK0 and DK0#, and DQ18–DQ35 are referenced
to DK1 and DK1#. For the x9 and x18 devices, all DQs are referenced to DK and DK#.
DM
Input
Input data mask;
The DM signal is the input mask signal for WRITE data. Input data is masked when DM is sampled
HIGH along with the WRITE input data. DM is sampled on both edges of DK (DK1 for the x36
configuration). The signal should be VSS if not used.
QVLD
Output
Data valid;
The QVLD indicates valid output data. QVLD is edge-aligned with QKx and QKx#.


Similar Part No. - UPD48288209AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288209AFF-E18-DW1 RENESAS-UPD48288209AFF-E18-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E18-DW1-A RENESAS-UPD48288209AFF-E18-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1 RENESAS-UPD48288209AFF-E24-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1-A RENESAS-UPD48288209AFF-E24-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E25-DW1 RENESAS-UPD48288209AFF-E25-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
More results

Similar Description - UPD48288209AF1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com