Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
Rev. 1.40
8
�a��� 1�� �01�
Rev. 1.40
9
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Pin Name
Function
OPT
I/T
O/T
Description
CO��/SEG�6
CO��
LCDC
C�OS
LCD �ommon output
SEG�6
LCD segment output
CO�6/SEG��
CO�6
LCDC
C�OS
LCD �ommon output
SEG��
LCD segment output
CO�7/SEG�4
CO�7
LCDC
C�OS
LCD �ommon output
SEG�4
LCD segment output
VAB
VAB
NS
LCD voltage pump
VC
VC
NS
LCD voltage pump
C1
C1
NS
LCD voltage pump
C�
C�
NS
LCD voltage pump
VOBGP
VOBGP
Band gap voltage output pin (fo� inte�nal use)
VOREG
VOREG
PWR Regulato� output 3.3V
VOCHP
VOCHP
PWR C�a�ge pump output
CHPC1
CHPC1
NS
C�a�ge pump �apa�ito� – Positive
CHPC�
CHPC�
NS
C�a�ge pump �apa�ito� – Negative
DOPAN
DOPAN
NS
OPA Negative input
DOPAP
DOPAP
NS
OPA Positive input
DOPAO
DOPAO
NS
OPA output
DCHOP
DCHOP
NS
OPA C�oppe� pin
TH/LB
TH
NS
Tempe�atu�e senso� input
LB
NS
Low batte�y voltage input
DSRR
DSRR
NS
Refe�en�e signal input
DSRC
DSRC
NS
Integ�ato� negative input
DSCC
DSCC
NS
Compa�ato� negative input
SIN
SIN
NS
Sine wave output
FVR
FVR
NS
Foot �esisto� ��annel
FVL
FVL
NS
Foot �esisto� ��annel
FIL
FIL
NS
Foot �esisto� ��annel
FIR
FIR
NS
Foot �esisto� ��annel
RF1
RF1
NS
Refe�en�e impedan�e ��annel
RF�
RF�
NS
Refe�en�e impedan�e ��annel
RFC
RFC
ADC analog input
T0
T0
OPAC output
CP0N
CP0N
NS
T�e inve�ting input of CP0
OP�N
OP�N
NS
T�e inve�ting input of OP�
OP�P
OP�P
NS
T�e non-inve�ting input of OP�
VDD
VDD
PWR
Powe� supply
VSS
VSS
PWR
G�ound
AVDD
AVDD
PWR
Analog powe� supply
AVSS
AVSS
PWR
Analog g�ound
Note:I/T:Inputtype;O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;CO:Configurationoption
ST:SchmittTriggerinput;CMOS:CMOSoutput;NMOS:NMOSoutput
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
NS:Non-standardinputoroutput


Similar Part No. - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com