Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C_15 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45R2K-C_15 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
Rev. 1.40
9�
�a��� 1�� �01�
Rev. 1.40
93
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Mnemonic
Description
Cycles
Flag Affected
Data Move
�OV A�[m]
�ove Data �emo�y to ACC
1
None
�OV [m]�A
�ove ACC to Data �emo�y
1Note
None
�OV A�x
�ove immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clea� bit of Data �emo�y
1Note
None
SET [m].i
Set bit of Data �emo�y
1Note
None
Branch
J�P add�
Jump un�onditionally
None
SZ [m]
Skip if Data �emo�y is ze�o
1Note
None
SZA [m]
Skip if Data �emo�y is ze�o wit� data movement to ACC
1Note
None
SZ [m].i
Skip if bit i of Data �emo�y is ze�o
1Note
None
SNZ [m].i
Skip if bit i of Data �emo�y is not ze�o
1Note
None
SIZ [m]
Skip if in��ement Data �emo�y is ze�o
1Note
None
SDZ [m]
Skip if de��ement Data �emo�y is ze�o
1Note
None
SIZA [m]
Skip if in��ement Data �emo�y is ze�o wit� �esult in ACC
1Note
None
SDZA [m]
Skip if de��ement Data �emo�y is ze�o wit� �esult in ACC
1Note
None
CALL add�
Sub�outine �all
None
RET
Retu�n f�om sub�outine
None
RET A�x
Retu�n f�om sub�outine and load immediate data to ACC
None
RETI
Retu�n f�om inte��upt
None
Table Read
TABRDC [m]
Read table (�u��ent page) to TBLH and Data �emo�y
Note
None
TABRDL [m]
Read table (last page) to TBLH and Data �emo�y
Note
None
Miscellaneous
NOP
No ope�ation
1
None
CLR [m]
Clea� Data �emo�y
1Note
None
SET [m]
Set Data �emo�y
1Note
None
CLR WDT
Clea� Wat��dog Time�
1
TO� PDF
CLR WDT1
P�e-�lea� Wat��dog Time�
1
TO� PDF
CLR WDT�
P�e-�lea� Wat��dog Time�
1
TO� PDF
SWAP [m]
Swap nibbles of Data �emo�y
1Note
None
SWAPA [m]
Swap nibbles of Data �emo�y wit� �esult in ACC
1
None
HALT
Ente� powe� down mode
1
TO� PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,
ifnoskiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe"CLRWDT1"and"CLRWDT2"instructionstheTOandPDFflagsmaybeaffected
bytheexecutionstatus.TheTOandPDFflagsareclearedafterboth"CLRWDT1"and"CLR
WDT2"instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremain
unchanged.


Similar Part No. - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com