Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R4U Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45R4U
Description  TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R4U Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45R4U Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
Rev. 1.10
6
�a��� 1�� �01�
Rev. 1.10
7
�a��� 1�� �01�
HT45R4U
TinyPowerTM A/D Type
e-Banking ASSP OTP MCU with LCD
General Description
TheTinyPowerTMA/DTypewithLCD8-bithighperformanceRISCarchitecturemicrocontrolleris
specifically,designedforapplicationsthatinterfacedirectlytoanalogsignalsandwhichrequireanLCD
interface.Thedeviceincludesanintegratedmulti-channelAnalogtoDigitalConverterandanLCD
driver.
ThebenefitsofintegratedA/DandLCDfunctions,inadditiontolowpowerconsumption,high
performance,I/Oflexibilityandlow-cost,providesthedevicewiththeversatilityforawiderange
ofproductsinthehomeapplianceandindustrialapplicationareas.Someoftheseproductscould
includeelectronicmetering,environmentalmonitoring,handheldinstruments,electronically
controlledtools,motordrivinginadditiontomanyothers.
TheuniqueHoltekTinyPowertechnologyalsogivesthedeviceextremelylowcurrentconsumption
characteristics,anextremelyimportantconsiderationinthepresenttrendforlowpowerbattery
poweredapplications.TheusualHoltekMCUfeaturessuchaspowerdownandwake-upfunctions,
oscillatoroptions,programmablefrequencydivider,etc.combinetoensureuserapplicationsrequire
aminimumofexternalcomponents.
Block Diagram
OT P
Pr ogr a mmi ng
Ci rc ui tr y
Wa tc hdog
Ti me r
8- bi t
RI SC
MC U
Co re
Re se t
Ci rc ui t
In te rr upt
C ont ro lle r
Ex te rn al
Cr yst al
O sc illa to r
A/ D
C onv er te r
Pr ogr am m abl e
Fr equen cy
G ene ra to r
Ex te rn al R TC
O sc illa to r
In te r nal R C
O sc ill at or
I/O
Po rt s
RA M
Da ta
Me mo ry
OT P
Pr ogr am
Me mo ry
St ac k
LC D
Dr iv er
Ti me rs
Low
Vo lt age
Re se t
Low
Vo lt age
De te ct
Ti me
Ba se s


Similar Part No. - HT45R4U

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R4U

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT82R732 HOLTEK-HT82R732 Datasheet
436Kb / 74P
   e-Banking 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com