Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R4U Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45R4U
Description  TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R4U Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45R4U Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 31Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 32Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 33Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 34Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 35Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 36Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
Rev. 1.10
34
�a��� 1�� �01�
Rev. 1.10
3�
�a��� 1�� �01�
HT45R4U
TinyPowerTM A/D Type
e-Banking ASSP OTP MCU with LCD
LCD Driver
Forlargevolumeapplications,whichincorporateanLCDintheirdesign,theuseofacustom
displayratherthanamoreexpensivecharacterbaseddisplayreducescostssignificantly.However,
thecorrespondingCOMandSEGsignalsrequired,whichvaryinbothamplitudeandtime,todrive
suchacustomdisplayrequiremanyspecialconsiderationsforproperLCDoperationtooccur.The
devicecontainsanLCDDriverfunction,whichwiththeirinternalLCDsignalgeneratingcircuitry
andvariousoptions,willautomaticallygeneratethesetimeandamplitudevaryingsignalstoprovide
ameansofdirectdrivingandeasyinterfacingtoarangeofcustomLCDs.
Duty
Driver Number
Bias
Bias Type
Wave Type
1/4
3�x4
1/3
C
A o� B
LCD Selections
C t y pe 1 /3 B i as ( Mo de 1 )
PL CD
V A
V B
LC D
Po we r Su pp ly
V C
(= PL CD)
(= PL CD ´ 0. 5)
VM AX
(= PL CD ´ 1. 5)
C har ge
Pu mp
C1
C2
0. 1 m F
0. 1 m F
V1
C t y pe 1 /3 B i as ( Mo de 2 )
V1
V A
V B
LC D
Po we r Su pp ly
V C
(= V1 ´ 1/ 3)
VM AX
(= V1 )
C har ge
Pu mp
C1
C2
0. 1 m F
0. 1 m F
PL CD
0. 1 m F
V2
(= V1 ´ 2/ 3)
0. 1 m F
V2
C Type 1/3 Bias
Display Memory
AnareaofDataMemoryisespeciallyreservedforusefortheLCDdisplaydata.Thisdataarea
isknownastheDisplayMemory.Anydatawrittenherewillbeautomaticallyreadbytheinternal
displaydrivercircuits,whichwillinturnautomaticallygeneratethenecessaryLCDdrivingsignals.
ThereforeanydatawrittenintothisMemorywillbeimmediatelyreflectedintotheactualdisplay
connectedtothemicrocontroller.
AstheDisplayMemoryaddressesoverlapthoseoftheGeneralPurposeDataMemory,itsstoredin
itsownindependentBank1area.TheDataMemoryBanktobeusedischosenbyusingtheBank
Pointer,whichisaspecialfunctionregisterintheDataMemory,withthename,BP.Toaccessthe
DisplayMemorythereforerequiresfirstthatBank1isselectedbywritingavalueof01HtotheBP
register.Afterthis,thememorycanthenbeaccessedbyusingindirectaddressingthroughtheuseof
MemoryPointerMP1.WithBank1selected,thenusingMP1toreadorwritetothememoryarea,
startingwithaddress40H,willresultinoperationstotheDisplayMemory.Directlyaddressingthe
DisplayMemoryisnotapplicableandwillresultinadataaccesstotheBank0GeneralPurpose
DataMemory.


Similar Part No. - HT45R4U

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R4U

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT82R732 HOLTEK-HT82R732 Datasheet
436Kb / 74P
   e-Banking 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com